Electronic Components Datasheet Search
  English  ▼

X  

FR302 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # FR302
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR302 Datasheet(HTML) 5 Page - Leshan Radio Company

  FR302_15 Datasheet HTML 1Page - Leshan Radio Company FR302_15 Datasheet HTML 2Page - Leshan Radio Company FR302_15 Datasheet HTML 3Page - Leshan Radio Company FR302_15 Datasheet HTML 4Page - Leshan Radio Company FR302_15 Datasheet HTML 5Page - Leshan Radio Company FR302_15 Datasheet HTML 6Page - Leshan Radio Company FR302_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Unit:mm
A: 弹带盒规格/Ammo Box Spec.
Item
Symbol
Dimension
Notes
L
260±2
W
76±2
H
100±4
L
250±3
W
45±3
H
95±5
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
Notes
L
430±2
H
W
280±2
H
225±4
L
435±3
W
W
280±3
H
295±5
L
按以上包装方式:(As per the above spec)
DO-15
2K
20K
40K
2. 弹带盒装/Ammo Packing
Q'ty/Packing Case
52mm/TYPE
60K
14.4K
Q'ty/Taping
3K
0.8K
Q'ty/Packing Case
26mm/TYPE
30K
7.2K
Case's
Size
52mm
TYPE
26mm
TYPE
外型/Outside
A-405 & DO-41 & R-1
DO-201AD
Box's
Size
52mm
TYPE
26mm
TYPE
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com