Electronic Components Datasheet Search
  English  ▼

X  

AN4296 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4296
Description  The purpose of this application note is to give a presentation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4296 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4296 Datasheet HTML 4Page - STMicroelectronics AN4296 Datasheet HTML 5Page - STMicroelectronics AN4296 Datasheet HTML 6Page - STMicroelectronics AN4296 Datasheet HTML 7Page - STMicroelectronics AN4296 Datasheet HTML 8Page - STMicroelectronics AN4296 Datasheet HTML 9Page - STMicroelectronics AN4296 Datasheet HTML 10Page - STMicroelectronics AN4296 Datasheet HTML 11Page - STMicroelectronics AN4296 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Execute application code from CCM RAM using the IAR EWARM toolchain
AN4296
8/25
DocID024590 Rev 3
2
Execute application code from CCM RAM
using the IAR EWARM toolchain
2.1
Executing a simple code from CCM RAM (except for interrupt
handler)
A simple code can be composed of one or more functions that are not referenced from an
interrupt handler. If the code is referenced from an interrupt handler, follow the steps
described in Section 2.2: Executing an interrupt handler from CCM RAM.
EWARM provides the possibility to place one or more functions or a whole source file in
CCM RAM.
This operation requires a new section to be defined in the linker file (.icf) to host the code to
be placed in CCM RAM. This section is copied to CCM RAM at startup. The required steps
are the following:
1.
Define the address area for the CCM RAM by indicating the start and end addresses.
2.
Tell the linker to copy at startup the section named .ccmram from Flash memory to
CCM RAM.
3.
Indicate to the linker that the code section .ccmram should be placed in the CCM RAM
region.
Refer to Figure 2: EWARM linker update for an example of code implementing these
operations.
Note:
This procedure is not valid for interrupt handlers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com