Electronic Components Datasheet Search
  English  ▼

X  

AN4299 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4299
Description  Immunity of touch sensing systems to conducted RF voltage is required
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4299 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4299 Datasheet HTML 4Page - STMicroelectronics AN4299 Datasheet HTML 5Page - STMicroelectronics AN4299 Datasheet HTML 6Page - STMicroelectronics AN4299 Datasheet HTML 7Page - STMicroelectronics AN4299 Datasheet HTML 8Page - STMicroelectronics AN4299 Datasheet HTML 9Page - STMicroelectronics AN4299 Datasheet HTML 10Page - STMicroelectronics AN4299 Datasheet HTML 11Page - STMicroelectronics AN4299 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Surface charge transfer acquisition principle overview
AN4299
8/20
DocID024663 Rev 2
2
Surface charge transfer acquisition principle
overview
STM32F0, STM32F3 and STM32L0 series use a surface charge transfer acquisition
principle. This principle is briefly described below.
The surface charge transfer acquisition principle consists in charging a sensor capacitance
(Cx) and transferring a part of the accumulated charge into a sampling capacitor (Cs). This
sequence is repeated until the voltage across Cs reaches a given threshold (VIH in our
case). The number of charge transfers required to reach the threshold is a direct
representation of the size of the electrode capacitance.
When the sensor is touched, the sensor capacitance to the earth is increased so the Cs
voltage reaches the threshold with less count and the measurement value decreases. When
the measurement value falls below a defined threshold, a detection is reported.
Noise injection disturbs the measurement proportionally to its amplitude and depending on
its frequency. Worst case is generally found at a noise frequency close to the charge
transfer frequency (assuming no techniques are used to spread this frequency).
Figure 3. Charge transfer equivalent capacitance model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com