Electronic Components Datasheet Search
  English  ▼

X  

AN4310 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4310
Description  Sampling capacitor selection guide for MCU based touch sensing applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4310 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4310 Datasheet HTML 1Page - STMicroelectronics AN4310 Datasheet HTML 2Page - STMicroelectronics AN4310 Datasheet HTML 3Page - STMicroelectronics AN4310 Datasheet HTML 4Page - STMicroelectronics AN4310 Datasheet HTML 5Page - STMicroelectronics AN4310 Datasheet HTML 6Page - STMicroelectronics AN4310 Datasheet HTML 7Page - STMicroelectronics AN4310 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Charge transfer acquisition principle overview
AN4310
2/8
DocID024789 Rev 2
1
Charge transfer acquisition principle overview
STM32xx, STM8L and STM8AL touch sensing applications may use charge transfer
acquisition principle(a) to sense changes in capacitance. The electrode capacitance (CX) is
charged to a stable reference voltage (VDD for general purpose STM8/STM32 devices). The
charge is then transferred to a known capacitor referred to as the sampling capacitor (CS).
This sequence is repeated until the voltage on the CS capacitor reaches an internal
reference voltage (VIH for general purpose STM8/STM32 devices). The number of transfers
required to reach the threshold depends on the size of the electrode capacitance and
represents its value.
To ensure stable operation of the solution, the number of transfers needed to reach the
threshold is adjusted by an infinite impulse response (IIR) filter which compensates for
environmental changes such as temperature, power supply, moisture, and surrounding
conductive objects.
Since the CS capacitor is an integral part of the design, it is important to consider the non-
ideal effects of capacitors.
a. Charge transfer acquisition principle is supported by STMTouch touch sensing libraries.
See Introduction for a list of supported microcontrollers and associated STMTouch
libraries.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com