Electronic Components Datasheet Search
  English  ▼

X  

TN0941 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics TN0941 Datasheet HTML 10Page - STMicroelectronics TN0941 Datasheet HTML 11Page - STMicroelectronics TN0941 Datasheet HTML 12Page - STMicroelectronics TN0941 Datasheet HTML 13Page - STMicroelectronics TN0941 Datasheet HTML 14Page - STMicroelectronics TN0941 Datasheet HTML 15Page - STMicroelectronics TN0941 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
What are the following additional options of reset and supervisor ICs used for?
TN0941
12/16
DocID023775 Rev 1
6.6
Anti-tampering functions
Anti-tampering functions are specific functions especially designed to provide intrusion
detection, and to protect against unfriendly or hostile activity. They include:
•
Over/under operating temperature detection
(customer-selectable and factory trimmed)
•
Over/under operating voltage detection
•
Four high impedance physical tamper inputs
•
Security alarm (SAL) if tampering is detected
Anti-tampering functions mainly address a manufacturer’s point of sales (POS) terminals
and other systems. They meet physical and/or environmental intrusion monitoring
requirements mandated by various standards, such as the Federal Information
Processing Standards (FIPS) Pub 140-1: Security Requirements for Cryptographic
Modules, published by the US Department of Commerce/National Institute of Standards
and Technology.
More details
See AN2377: Using the STM1403/1404 security supervisors to clear external SRAM
Suggested products
For further information on anti-tampering functions, please refer to STM1404.
6.7
Reset input delay time (tSRC)
The tSRC defines the time during which one or several push-buttons must be simultaneously
pressed before a reset is asserted. This option is specific to the Smart Reset™ devices. See
Section 7: What is a Smart Reset™ and what is it used for? for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16