Electronic Components Datasheet Search
  English  ▼

X  

HER201G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HER201G
Description  Glass Passivated Junction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER201G Datasheet(HTML) 1 Page - Leshan Radio Company

  HER201G_15 Datasheet HTML 1Page - Leshan Radio Company HER201G_15 Datasheet HTML 2Page - Leshan Radio Company HER201G_15 Datasheet HTML 3Page - Leshan Radio Company HER201G_15 Datasheet HTML 4Page - Leshan Radio Company HER201G_15 Datasheet HTML 5Page - Leshan Radio Company HER201G_15 Datasheet HTML 6Page - Leshan Radio Company HER201G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards of MIL-S-19500
* 2.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-15, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.40 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
HER201G thru HER208G
35
1.85
1.30
1.00
–50 to +150
2.0
60
100
55
5.0
200
50
70
Reverse Voltage 50 to 1000V
Forward Current 2.0A
Glass Passivated Junction
High Efficiency Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - HER201G_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER201G DACHANG-HER201G_15 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G_15 Datasheet
191Kb / 2P
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - HER201G_15

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
Glass passivated junction
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
FE3A EIC-FE3A Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION
GN2A EIC-GN2A_05 Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION
GR3A EIC-GR3A Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
1N4947G LRC-1N4947G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
Glass Passivated Junction
FR104G LRC-FR104G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com