Electronic Components Datasheet Search
  English  ▼

X  

EXO-3 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # EXO-3
Description  cdmaOne-TX-IF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

EXO-3 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  EXO-3 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
130.38
Fo
±630 MIN.
7.0 MAX.
38 MIN.
38 MIN.
800 MAX.
Item
Nominal Frequency
Operating Temperature Range
Storage Temperature Range
Pass Bandwidth
Insertion Loss
Guaranteed Attenuation
Group Delay Deviation
Unit
MHz
°C
°C
kHz
dB
dB
nsec
Conditions
–30~+75
–40~+80
–3dB
Minimum Loss
Fo+4.95MHz
Fo+9.9MHz
Fo
±300kHz
LSFB19-130-001M0
cdmaOne-TX-IF
sFeatures
¡IF filter for cdmaOne-TX.
¡Miniature size and light weight.
¡Because it is leadless type, automatic mounting is possible.
sStandard Frequencies
¡130.38MHz.
sSpecifications
sOutline
sMeasurement Circuit
Dimensions(mm)
L1
L2
1
2
3
4
5
6
L3
L4
C3
C1
L1
L2
C1
39nH
270nH
27pF
L3
C2
C3
330nH
27pF
INPUT
OUTPUT
reference
1.43 MAX.
1.27 2
12
3
65
4
0.64
±0.10
Balance
1,2: IN
4,5: OUT
CONNECTION
1:IN
2:GND
3:GND
4:OUT
5:OUT
6:GND
3.8
±0.15
4
5
6
12
3
130
OE
LSFB19


Similar Part No. - EXO-3

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
EXO-3 WK-EXO-3 Datasheet
24Kb / 1P
CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
Golledge Electronics Lt...
EXO-3C GOLLEDGE-EXO-3C Datasheet
60Kb / 1P
Programmable Oscillator
More results

Similar Description - EXO-3

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
MSFB39-210-001M0 KSS-MSFB39-210-001M0 Datasheet
149Kb / 1P
PCS-cdmaOne-IF
MSFB43-85-001M0 KSS-MSFB43-85-001M0 Datasheet
152Kb / 1P
cdmaOne-IF
MSFC22-110-001M1 KSS-MSFC22-110-001M1 Datasheet
142Kb / 1P
cdmaOne-IF
MSFC22-183-001M0 KSS-MSFC22-183-001M0 Datasheet
141Kb / 1P
cdmaOne-IF
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
Samsung semiconductor
S1M8657 SAMSUNG-S1M8657 Datasheet
281Kb / 34P
TX IF/BBA WITH AGC
logo
California Eastern Labs
UPC8191K CEL-UPC8191K Datasheet
168Kb / 7P
TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
EPCOS
B3669 EPCOS-B3669_1 Datasheet
97Kb / 9P
SAW Tx filter W-CDMA IF
logo
Keysight Technologies
M9072A KEYSIGHT-M9072A Datasheet
2Mb / 10P
M9072A cdma2000/cdmaOne
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com