Electronic Components Datasheet Search
  English  ▼

X  

FXO-31F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FXO-31F
Description  Miniature Clock Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FXO-31F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FXO-31F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FXO-31F
Miniature Clock Crystal Oscillator
sFeatures
¡It is a compact and thin ceramic package with a metalized lead for surface mounting
that is able to be automatically loaded.
¡Reflow soldering is possible.
¡CMOS, TTL IC direct drive is possible. Depending upon the frequency band, there
is also a crystal oscillator with a CMOS-IC with a tri-state function built in.
¡Use in the broad frequency band from 1.8MHz to 50MHz is possible.
sSpecifications
sTable 1
Standard Frequencies
sOutline
sLand Pattern(reference)
Item
Type
FXO-31F
FXO-31FH
FXO-31FT
FXO-31FL
Application
Frequency Range
1.8~50MHz
Standard Frequency
Table 1
Frequency Stability
±100×10–6
Operating Temperature Range
-10~+70
:
Storage Temperature Range
-55~+125
:
Supply Voltage
5V
±0.5V
3.3V
±0.3V
25mA MAX. (1.8~15.0MHz)
Current
25mA MAX.
30mA MAX. (15.1~32.0MHz)
45mA MAX. (32.1~50.0MHz)
Load
15pF (LS10TTL)
50pF (10TTL)
20pF (5TTL)
Output Level
VOH : 0.9
×V
DD MIN. VOL : 0.5V MAX.
Output Symmetry
40~60% (VT=1/2V DD)
40~60% (VT=1.4V)
Rise Time/Fall Time
10ns MAX.
6ns MAX.
6ns MAX.
Start-up Time
10ms MAX.
Vibration
10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each
Shock
1000G
Weight
0.2g
V
OH : 0.9×VDD MIN.
V
OL : 0.4V MAX.
*Taping item packaging : one unit 3,000 pcs or 1,000 pcs
(VT=1/2VDD)
40~60%
18mA MAX.
(1.8~39.9MHz)
25mA MAX.
(40.0~50.0MHz)
C-MOS Output Type
Low Voltage Type
C-MOS Output
Heavy Load Type
TTL Output Type
Frequency (MHz)
1.8432
12.000
22.5792
2.000
12.288
24.000
2.4576
12.322
25.000
2.500
12.800
25.175
3.579545
13.500
27.000
3.6864
14.31818
28.63636
4.000
14.7456
31.500
4.096
15.000
32.000
4.9152
15.360
33.8688
5.000
16.000
40.000
6.000
16.384
42.1052
6.144
16.842
48.000
6.400
16.9344
7.15909
18.000
7.680
18.432
8.000
19.6608
8.192
20.000
9.8304
21.150
7.0
±0.2
40.000
KSS 4G
12
3
4
6.2
±0.2
5.08
±0.2
1.4
0.6
CONNECTION
1:INH
2:GND
3:OUTPUT
4:VDD
INH:Hi or Open:Fout
Low:Output-Stop
(High
5.08
1.8
Dimensions(mm)
FXO-31F


Similar Part No. - FXO-31F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
More results

Similar Description - FXO-31F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-34F KSS-FXO-34F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-37F KSS-FXO-37F Datasheet
82Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-62F KSS-FXO-62F Datasheet
140Kb / 1P
Miniature Clock Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com