Electronic Components Datasheet Search
  English  ▼

X  

FXO-32F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FXO-32F
Description  Miniature Clock Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FXO-32F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FXO-32F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FXO-32F
Miniature Clock Crystal Oscillator
sFeatures
¡Ideal for use as an image sensor clock for compact video cameras.
¡Lower noise and lower current for reduced power consumption.
¡This crystal oscillator has a built-in C-MOS IC with tri-state function.
sSpecifications
sOutline
sLand Pattern(reference)
Item
Type
FXO-32F
FXO-32FL
Frequency Range
8.0~32.0MHz
Standard Frequency
14.31818, 17.734476, 28.375, 28.63636MHz *1
Frequency Stability
±30×10–6
Operating Temperature Range
-10~+60
:
Storage Temperature Range
-20~+80
:
Supply Voltage
5V
±5%
3V
±5%
Current
12mA MAX.
8mA MAX.
Load
15pF (2TTL)
15pF (1TTL)
Output Level
VOH : 0.9
×V
DD MIN. VOL : 0.5V MAX.
Output Symmetry
40~60% (VT=1/2VDD)
Rise Time/Fall Time
12ns MAX.
16ns MAX.
Start-up Time
3ms MAX.
Vibration
10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each
Shock
1000G
Weight
0.2g
Application
for Audio-Visual Equipment
*1 Please inquire about frequencies other than the above.
*2 3.3V supply model also available.
* Taping item packaging : one unit 3,000 pcs or 1,000 pcs
*2
7.0
±0.2
32.000
KSS 4G
12
3
4
6.2
±0.2
5.08
±0.2
1.4
0.6
CONNECTION
1:INH
2:GND
3:OUTPUT
4:VDD
INH:Hi or Open:Fout
Low:Output-Stop
(L Level)
5.08
1.8
Dimensions(mm)
FXO-32F


Similar Part No. - FXO-32F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-31F KSS-FXO-31F Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
FXO-31FH KSS-FXO-31FH Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-31FL KSS-FXO-31FL Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-31FT KSS-FXO-31FT Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
More results

Similar Description - FXO-32F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-34F KSS-FXO-34F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-37F KSS-FXO-37F Datasheet
82Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-62F KSS-FXO-62F Datasheet
140Kb / 1P
Miniature Clock Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com