Electronic Components Datasheet Search
  English  ▼

X  

FXO-34F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FXO-34F
Description  Miniature Clock Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FXO-34F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FXO-34F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FXO-34F
Miniature Clock Crystal Oscillator
sFeatures
sSpecifications
sOutline
sLand Pattern(reference)
Item
Type
FXO-34F
FXO-34FL
Frequency Range
8.0~32.0MHz
Standard Frequency
*1
Frequency Stability
±30×10 –6
Operating Temperature Range
-30~+85
:
Storage Temperature Range
-30~+85
:
Supply Voltage
5V
±5%
3.3V
±5%
Current
12mA MAX.
10mA MAX.
Load
15pF (2TTL)
15pF (1TTL)
Output Level
VOH : 0.9
×V
DD MIN. VOL : 0.5V MAX.
Output Symmetry
40~60% (VT=1/2VDD)
Rise Time/Fall Time
12ns MAX.
16ns MAX.
Start-up Time
3ms MAX.
Vibration
10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each
Shock
1000G
Weight
0.2g
Application
for Industrial Equipment
*1 Please contact us for standard frequency.
* Taping item packaging:one unit 3,000 pcs or 1,000 pcs
¡This crystal oscillator has a built-in high-precision C-MOS IC suitable for a wide
range of temperature.
¡Ideal for base stations and DSU/OCU units for PHS systems etc.
¡Lower noise and lower current for reduced power consumption.
¡3.3V supply model also available.
7.0
±0.2
32.000
KSS 4G
12
3
4
6.2
±0.2
5.08
±0.2
1.4
0.6
CONNECTION
1:INH
2:GND
3:OUTPUT
4:VDD
INH:Hi or Open:Fout
Low:Output-Stop
(L Level)
5.08
1.8
Dimensions(mm)
FXO-34F


Similar Part No. - FXO-34F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-34F KSS-FXO-34F Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
More results

Similar Description - FXO-34F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-37F KSS-FXO-37F Datasheet
82Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-62F KSS-FXO-62F Datasheet
140Kb / 1P
Miniature Clock Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com