Electronic Components Datasheet Search
  English  ▼

X  

FXO-37F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FXO-37F
Description  Miniature Clock Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FXO-37F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FXO-37F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FXO-37F
Miniature Clock Crystal Oscillator
sFeatures
¡It is a compact and thin ceramic package with a metalized lead for surface mounting
that is able to be automatically loaded.
¡Reflow soldering is possible.
¡CMOS, TTL IC direct drive is possible. Depending upon the frequency band, there
is also a crystal oscillator with a CMOS IC with a tri-state function built in.
¡Use in the broad frequency band from 50MHz to 125MHz is possible. (PLL circuit is
built in).
sSpecifications
sTable 1
Standard Frequencies
sOutline
sLand Pattern(reference)
Item
Type
FXO-37F
FXO-37FL
Application
Frequency Range
50~100MHz
100~125MHz
50~100MHz
Standard Frequency
Table 1
Frequency Stability
±100×10–6
Operating Temperature Range
0 ~+70
:
Storage Temperature Range
-20~+80
:
Supply Voltage
5
±0.25V
3.3
±0.15V
Current
50mA MAX.
25mA MAX.
Load
25pF(10TTL)
15pF(5TTL)
15pF(5TTL)
Output Level
VOH : 4.0V MIN./VOL : 0.5V MAX.
Output Symmetry
40~60% (VT=1/2VDD)
Rise Time/Fall Time
7ns MAX.
Start-up Time
10ms MAX.
15ms MAX.
Vibration
10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each
Shock
1000G
Weight
0.2g
*Taping item packaging : one unit 3,000 pcs or 1,000 pcs
V
OH : 2.8V MIN.
V
OL : 0.5V MAX.
C-MOS Output
Low Voltage Type
Frequency (MHz)
50.000
60.000
64.000
65.000
66.667
67.700
70.000
75.000
75.525
80.000
90.3168
94.410
100.000
106.250
120.000
7.0
±0.2
100.000
KSS 4G
12
3
4
6.2
±0.2
5.08
±0.2
1.4
0.6
CONNECTION
1:INH
2:GND
3:OUTPUT
4:VDD
INH:Hi or Open:Fout
Low:Output-Stop
(High
5.08
1.8
Dimensions(mm)
FXO-37F


Similar Part No. - FXO-37F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-37FNB KSS-FXO-37FNB Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
More results

Similar Description - FXO-37F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-34F KSS-FXO-34F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-62F KSS-FXO-62F Datasheet
140Kb / 1P
Miniature Clock Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com