Electronic Components Datasheet Search
  English  ▼

X  

FXO-62F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # FXO-62F
Description  Miniature Clock Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FXO-62F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  FXO-62F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FXO-62F
Miniature Clock Crystal Oscillator
sFeatures
¡Ultra-thin,thickness (5
×3.2×1.2mm).
¡It is a compact and thin ceramic package with a matalized lead for surface
mounting that is able to be automatically loaded.
¡Reflow soldering is possible.
¡CMOS, TTL IC direct drive is possible. Depending upon the frequency
band, there is also a crystal oscillator with a CMOS-IC with a tri-state
function built in.
sOutline
sLand Pattern(reference)
Dimensions(mm)
1.6
2.54
FXO-62F
KSS 9G
CONNECTION
1:INH
2:GND
3:OUTPUT
4:VDD
INH:Hi or Open:Fout
Low:Output-Stop
(L Level)
5.0
±0.15
28.636
4.5
2.54
±0.1
0.6
1.2
#4
#3
#1
#2
#1
#2
#4
#3
sSpecifications
Item
Type
FXO-62F
FXO-62FL
Frequency Range
8.0~32.0MHz
Standard Frequency
14.31818, 17.734476, 28.375, 28.63636MHz *1
Frequency Stability
±30×10 –6
Operating Temperature Range
-10~+60
:
Storage Temperature Range
-20~+80
:
Supply Voltage
5V
±5%
3.3V
±5%
Current
10mA MAX.
8mA MAX.
Load
15pF (2TTL)
15pF (1TTL)
Output Level
VOH : 0.9VDD MIN. VOL : 0.5V MAX.
VOH : 0.9VDD MIN. VOL : 0.4V MAX.
Output Symmetry
40~60% (VT=1/2VDD)
Rise Time/Fall Time
10ns MAX.
12ns MAX.
Start-up Time
10ms MAX.
Vibration
10~55Hz Ampulitude 1.5mm, Cycle 2 minute, 3 direction, 2 hour each
Shock
1000G
Weight
0.1g
Application
for Audio-Visual Equipment
*1 Please inquire about frequencies other than the above.


Similar Part No. - FXO-62F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FH KSS-FXO-61FH Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FL KSS-FXO-61FL Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FT KSS-FXO-61FT Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-64F2 KSS-FXO-64F2 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
More results

Similar Description - FXO-62F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-31F KSS-FXO-31F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-34F KSS-FXO-34F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-37F KSS-FXO-37F Datasheet
82Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com