Electronic Components Datasheet Search
  English  ▼

X  

LTC3203 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3203
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3203 Datasheet HTML 5Page - Linear Technology LTC3203 Datasheet HTML 6Page - Linear Technology LTC3203 Datasheet HTML 7Page - Linear Technology LTC3203 Datasheet HTML 8Page - Linear Technology LTC3203 Datasheet HTML 9Page - Linear Technology LTC3203 Datasheet HTML 10Page - Linear Technology LTC3203 Datasheet HTML 11Page - Linear Technology LTC3203 Datasheet HTML 12Page - Linear Technology LTC3203 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
9
32031fa
When the output voltage drops enough to overcome the
burst comparator hysteresis, the part wakes up and com-
mences normal fixed frequency operation. The output
capacitor recharges and causes the part to re-enter the
Sleep state if the output load still remains less than the
Burst Mode threshold. This Burst Mode threshold varies
with VIN, VOUT and the choice of output storage capacitor.
Short-Circuit/Thermal Protection
The LTC3203/LTC3203-1/LTC3203B/LTC3203B-1 have
built-in short-circuit current limit as well as over-tempera-
ture protection. During a short-circuit condition, the chip
will automatically limit the output current to approximately
1A. At higher temperatures, or if the input voltage is high
enough to cause excessive self-heating of the part, the
thermal shutdown circuitry will shut down the charge
pump once the junction temperature exceeds approxi-
mately 150
°C. It will enable the charge pump once the
junction temperature drops back to approximately 135
°C.
The LTC3203/LTC3203-1/LTC3203B/LTC3203B-1 will
cycle in and out of thermal shutdown indefinitely without
latch-up or damage until the short circuit condition on
VOUT is removed.
Soft-Start
To prevent excessive current flow at VIN during start-up,
the LTC3203/LTC3203-1/LTC3203B/LTC3203B-1 have
built-in soft-start circuitry. Soft-start is achieved by in-
creasing the amount of current available to the output
charge storage capacitor linearly over a period of approxi-
mately 250
µs.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com