Electronic Components Datasheet Search
  English  ▼

X  

LTC3406B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3406B
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406B Datasheet(HTML) 2 Page - Linear Technology

  LTC3406B Datasheet HTML 1Page - Linear Technology LTC3406B Datasheet HTML 2Page - Linear Technology LTC3406B Datasheet HTML 3Page - Linear Technology LTC3406B Datasheet HTML 4Page - Linear Technology LTC3406B Datasheet HTML 5Page - Linear Technology LTC3406B Datasheet HTML 6Page - Linear Technology LTC3406B Datasheet HTML 7Page - Linear Technology LTC3406B Datasheet HTML 8Page - Linear Technology LTC3406B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3406B
3406bfa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
VFB
Regulated Feedback Voltage
LTC3406B (Note 4) TA = 25°C
0.5880
0.6
0.6120
V
LTC3406B (Note 4) 0°C ≤ TA ≤ 85°C
0.5865
0.6
0.6135
V
LTC3406B (Note 4) –40°C ≤ TA ≤ 85°C
●
0.5850
0.6
0.6150
V
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
●
0.04
0.4
%/V
VOUT
Regulated Output Voltage
LTC3406B-1.5
●
1.455
1.500
1.545
V
LTC3406B-1.8
●
1.746
1.800
1.854
V
∆VOVL
Output Overvoltage Lockout
∆VOVL = VOVL – VFB, LTC3406B
20
50
80
mV
∆VOVL = VOVL – VOUT, LTC3406B-1.5/LTC3406B-1.8
2.5
7.8
13
%
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V
●
0.04
0.4
%
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V or VOUT = 90%,
0.75
1
1.25
A
Duty Cycle < 35%
VLOADREG
Output Voltage Load Regulation
0.5
%/V
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
(Note 5)
VFB = 0.5V or VOUT = 90%
300
400
µA
Shutdown
VRUN = 0V, VIN = 4.2V
0.1
1
µA
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100%
●
1.2
1.5
1.8
MHz
VFB = 0V or VOUT = 0V
210
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.4
0.5
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.35
0.45
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
LTC3406BES5
TJMAX = 125°C, θJA = 250°C/ W, θJC = 90°C/ W
ORDER PART
NUMBER
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 800mA
N-Channel Switch Sink Current (DC) ................. 800mA
S5 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTE2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Peak SW Sink and Source Current ........................ 1.3A
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Notes 3, 6) ...................... 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
LTC3406BES5-1.5
LTC3406BES5-1.8
ORDER PART
NUMBER
S5 PART MARKING
LTE3
LTE4
TJMAX = 125°C, θJA = 250°C/ W, θJC = 90°C/ W
RUN 1
GND 2
SW 3
5 VOUT
4 VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
RUN 1
GND 2
SW 3
5 VFB
4 VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com