Electronic Components Datasheet Search
  English  ▼

X  

AN4325 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4325
Description  Getting started with STM32F030xx hardware development
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4325 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4325 Datasheet HTML 7Page - STMicroelectronics AN4325 Datasheet HTML 8Page - STMicroelectronics AN4325 Datasheet HTML 9Page - STMicroelectronics AN4325 Datasheet HTML 10Page - STMicroelectronics AN4325 Datasheet HTML 11Page - STMicroelectronics AN4325 Datasheet HTML 12Page - STMicroelectronics AN4325 Datasheet HTML 13Page - STMicroelectronics AN4325 Datasheet HTML 14Page - STMicroelectronics AN4325 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID024966 Rev 1
11/27
AN4325
Power supplies and reset sources of the STM32F030 family
26
Low-power mode security reset
To prevent that critical applications mistakenly enter a low-power mode, two low-power
mode security resets are available. If enabled in Option bytes, the resets are generated in
the following conditions:
1.
Entering Standby mode: This type of reset is enabled by resetting nRST_STDBY bit in
User Option Bytes. In this case, whenever a Standby mode entry sequence is
successfully executed, the device is reset instead of entering Standby mode.
2.
Entering Stop mode: This type of reset is enabled by resetting nRST_STOP bit in User
Option Bytes. In this case, whenever a Stop mode entry sequence is successfully
executed, the device is reset instead of entering Stop mode.
Option byte loader reset
The option byte loader reset is generated when OBL_LAUNCH (bit 13) is set in the
FLASH_CR register. This bit launches the option byte loading by software.
Power reset
A power reset sets all registers to their reset values, except the RTC domain.
The power reset is generated when one of the following events occurs.
1.
Power-on/power-down reset (POR/PDR reset)
2.
Exiting Standby mode
RTC domain reset
An RTC domain reset only affects the RTC, LSE and LSI. It is generated when one of the
following events occurs.
1.
Software reset, triggered by setting the BDRST bit in the RTC domain control register
(RCC_BDCR).
2.
Power-on/power-down reset (POR/PDR reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com