Electronic Components Datasheet Search
  English  ▼

X  

LTC3524 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 1 Page - Linear Technology

  LTC3524 Datasheet HTML 1Page - Linear Technology LTC3524 Datasheet HTML 2Page - Linear Technology LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3524
1
3524f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Adjustable TFT Bias Supply
with WLED Driver
The LTC®3524 is an integrated BIAS and white LED power
converter solution for small/medium-sized polysilicon thin
film transistor (TFT) liquid crystal (LCD) display panels.
The device operates from a single Lithium-Ion/polymer
battery or any voltage source between 2.5V and 6V.
A 1.5MHz synchronous boost converter generates a pro-
grammable low noise, high efficiency 25mA TFT supply
of up to 6.0V. Regulated, low ripple charge pumps are
used to generate up to +20V and –20V at 2mA. Output
sequencing is internally controlled to insure proper
initialization and rapid discharge of the LCD panel in
shutdown.
A second 1.5MHz boost converter powers one or two LED
strings with up to five series elements each. LED current
and display brightness can be controlled over a wide range
using analog or digital means up to 25mA.
The LTC3524 is offered in the 4mm × 4mm 24-pin QFN
package, minimizing the total solution footprint.
+5V, –7.5V, +12.5V, 8 LED Power Supply
■
Generates Three Adjustable, Low Noise Rails for
Small/Medium TFT Displays
■
Drives Up to Ten White LEDs
■
LED Dimming and Open-Circuit Protection
■
Controlled Power-Up/Power-Down Sequencing
■
1.5MHz Fixed Frequency, Low Noise Operation
■
VIN Range 2.5V to 6V, VOUT Range 3V to 6V
■
TFT Supply Efficiency Up to 90%
■
LED Supply Efficiency Up to 78%
■
Two Independantly Enabled LED Strings
■
200 to 1 True Color PWMTM Dimming
■
Tiny External Solution
■
24-Lead QFN Package (4mm × 4mm × 0.75mm)
■
PDAs, Palmtop Computers
■
Digital Still and Video Cameras
■
Handheld GPS
■
Portable Instrument Displays
■
Portable Media Players
LCD Bias and LED Efficiency
VIN = 3.6V, VOUT = 5V, 8 LEDs
0.1
μF
–7.5V
2mA
10
μF
3.3
μH
10
μH
0.1
μF
3524 TA01a
SW2
VIN
VIN
VOUT
VOUT
FBVO
VNIN
V2x
C2+
C2–
VH
SW1
Li-Ion
VLED
LED2
LED1
PROG
ELED2
ELED1
ELCD
VN
FBN
FBH
CN+
CH–
CH+
GND
100k for 20mA
470k
1M
+
–
324k
220k
10
μF
0.1
μF
1M
+5V
25mA
+12.5V
2mA
+10V
0.47
μF
2M
0.47
μF
LTC3524
2.2
μF
0.47
μF
VOUT OR LED STRING CURRENT (mA)
5
80
90
25
3524 TA01b
70
60
10
15
20
100
LCD
LED
VIN = 3.6V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC3524

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
LTC3524EUF LINER-LTC3524EUF Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
LTC3524EUF-PBF LINER-LTC3524EUF-PBF Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
LTC3524EUF-TR LINER-LTC3524EUF-TR Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
LTC3524EUF-TRPBF LINER-LTC3524EUF-TRPBF Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
More results

Similar Description - LTC3524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Linear Technology
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
Adjustable TFT Bias Supply with WLED Driver
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
LCD Bias Power Integrated with WLED Backlight Drivers
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
Variable Gain with Adjustable Bias
logo
Texas Instruments
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
LCD Bias IC with Integrated WLED Driver
logo
M/A-COM Technology Solu...
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
Variable Gain with Adjustable Bias
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com