Electronic Components Datasheet Search
  English  ▼

X  

LTC3526 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3526
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3526 Datasheet HTML 3Page - Linear Technology LTC3526 Datasheet HTML 4Page - Linear Technology LTC3526 Datasheet HTML 5Page - Linear Technology LTC3526 Datasheet HTML 6Page - Linear Technology LTC3526 Datasheet HTML 7Page - Linear Technology LTC3526 Datasheet HTML 8Page - Linear Technology LTC3526 Datasheet HTML 9Page - Linear Technology LTC3526 Datasheet HTML 10Page - Linear Technology LTC3526 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3526/LTC3526B

3526bfd
3
+
–
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
–
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF
4M
SHDN
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN
1
6
SW
VOUT
L1
4.7µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT
5
7
GND
3526 BD
2
FB
R2
COUT
4.7µF
VOUT
1.6V
TO 5.25V
R1
4
CIN
2.2µF
VIN
0.85V
TO 5V
block Diagram
(Refer to Block Diagram)
operaTion
The LTC3526/LTC3526B are 1MHz synchronous boost
converters housed in a 6-lead 2mm
× 2mm DFN package.
With the ability to start up and operate from inputs less
than 1V, these devices feature fixed frequency, current
mode PWM control for exceptional line and load regula-
tion. The current mode architecture with adaptive slope
compensation provides excellent transient load response,
requiring minimal output filtering. Internal soft-start and
internal loop compensation simplifies the design process
while minimizing the number of external components.
With its low RDS(ON) and low gate charge internal N-chan-
nel MOSFET switch and P-channel MOSFET synchronous
rectifier, the LTC3526 achieves high efficiency over a wide
range of load currents. Automatic Burst Mode operation
maintains high efficiency at very light loads, reducing
the quiescent current to just 9µA. Operation can be best
understood by referring to the Block Diagram.
LOW VOLTAGE START-UP
The LTC3526/LTC3526B include an independent start-up
oscillator designed to start up at an input voltage of 0.85V
(typical).Soft-startandinrushcurrentlimitingareprovided
during start-up, as well as normal mode.
When either VIN or VOUT exceeds 1.4V typical, the IC
enters normal operating mode. When the output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com