Electronic Components Datasheet Search
  English  ▼

X  

AN4326 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4326
Description  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4326 Datasheet HTML 9Page - STMicroelectronics AN4326 Datasheet HTML 10Page - STMicroelectronics AN4326 Datasheet HTML 11Page - STMicroelectronics AN4326 Datasheet HTML 12Page - STMicroelectronics AN4326 Datasheet HTML 13Page - STMicroelectronics AN4326 Datasheet HTML 14Page - STMicroelectronics AN4326 Datasheet HTML 15Page - STMicroelectronics AN4326 Datasheet HTML 16Page - STMicroelectronics AN4326 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID024976 Rev 1
15/17
AN4326
RF read range test with NFC phones
16
6
RF read range test with NFC phones
Figure 14 shows an example measurement of the RF voltage amplitude between AC0/1 and
GND pins, using a Nexus S NFC phone placed at various distances.
Figure 14. Voltage and read range measurement
The green area represents the distance at which the ANT10-M24LR16E is read by the
Nexus S.
The orange area represent the distance ranges where the ANT10-M24LR16E tag answers
the phone's request without being read by the phone.
The maximum read range for ANT10-M24LR16E using a Nexus S NFC phone is 6.5 cm,
which is comparable to an equivalent ISO class 1 credit card size antenna without an
external ESD protection (ANT1-M24LRXXE-R).
At 0 cm, the ESD protection is still turned OFF (VAC0/1-GND < VBR) and does not affect the
communication between the M24LRXXE-R and the NFC phone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com