Electronic Components Datasheet Search
  English  ▼

X  

AN4387 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4387
Description  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 12Page - STMicroelectronics AN4387 Datasheet HTML 13Page - STMicroelectronics AN4387 Datasheet HTML 14Page - STMicroelectronics AN4387 Datasheet HTML 15Page - STMicroelectronics AN4387 Datasheet HTML 16Page - STMicroelectronics AN4387 Datasheet HTML 17Page - STMicroelectronics AN4387 Datasheet HTML 18Page - STMicroelectronics AN4387 Datasheet HTML 19Page - STMicroelectronics AN4387 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Transmitter parameter
AN4387
16/22
DocID025465 Rev 1
Detector: RMS
Trace Mode: Max Hold
The BlueNRG passes the test without problems
Figure 12. Transmitted emissions in the spurious domain, range 30-1000 MHz
Figure 13. Transmitted emissions in the spurious domain, range 2.3 - 2.396 GHz
AM17662v1
-80
-70
-60
-50
-40
-30
-20
-10
30
130
230
330
430
530
630
730
830
930
MHz
AM17663v1
-70
-60
-50
-40
-30
-20
-10
0
2300
2320
2340
2360
2380
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com