Electronic Components Datasheet Search
  English  ▼

X  

LTC3532 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3532
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology LTC3532 Datasheet HTML 10Page - Linear Technology LTC3532 Datasheet HTML 11Page - Linear Technology LTC3532 Datasheet HTML 12Page - Linear Technology LTC3532 Datasheet HTML 13Page - Linear Technology LTC3532 Datasheet HTML 14Page - Linear Technology LTC3532 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3532
11
3532fc
APPLICATIO S I FOR ATIO
VC
FB
SHDN/SS
VIN
VOUT
RT
BURST
SW1
SW2
GND
GND
3532 F06
LTC3532
1
2
3
4
5
10
9
7
6
8
Figure 6. Recommended Component Placement. Traces Carrying
High Current are Direct. Trace area at FB and VC Pins are Kept
Low. Lead Length to Battery Should be Kept Short
Inductor Selection
The high frequency operation of the LTC3532 allows the
use of small surface mount inductors. The inductor ripple
current is typically set to 20% to 40% of the maximum
inductor current. For a given ripple the inductance terms
are given as follows:
LBOOST >
VIN(MIN) •(VOUT –VIN(MIN))
f• ΔIL •VOUT
H
LBUCK >
VOUT •(VIN(MAX) –VOUT )
f• ΔIL •VIN(MAX)
H
where f = Operating frequency, Hz
ΔIL = Maximum allowable inductor ripple current, A
VIN(MIN) = Minimum input voltage
VIN(MAX) = Maximum input voltage
VOUT = Output voltage
IOUT(MAX) = Maximum output load current
For high efficiency, choose a ferrite inductor with a high
frequency core material to reduce core losses. The induc-
tor should have low ESR (equivalent series resistance) to
reduce the I2R losses, and must be able to handle the peak
inductor current without saturating. Molded chokes or chip
inductors usually do not have enough core to support the
peak inductor currents in the 1A to 2A region. To minimize
radiated noise, use a shielded inductor. See Table 1 for a
suggested list of inductor suppliers.
Table 1. Inductor Vendor Information
SUPPLIER
WEB SITE
Coilcraft
www.coilcraft.com
Murata
www.murata.com
Sumida
www.sumida.com
TDK
www.component.tdk.com
TOKO
www.tokoam.com
Output Capacitor Selection
The bulk value of the output filter capacitor is set to reduce
the ripple due to charge into the capacitor each cycle. The
steady state ripple due to charge is given by:
% RIPPLE_BOOST =
IOUT(MAX) •(VOUT –VIN(MIN))•100
COUT •VOUT
2 •f
%
% RIPPLE_BUCK =
1
8LCf2
•
(VIN(MAX) –VOUT ) • 100%
VIN(MAX)
where COUT = output filter capacitor in Farads and
f = switching frequency in Hz.
The output capacitance is usually many times larger than
the minimum value in order to handle the transient response
requirements of the converter. As a rule of thumb, the ratio
of the operating frequency to the unity-gain bandwidth of
the converter is the amount the output capacitance will
have to increase from the above calculations in order to
maintain the desired transient response.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden or
TDK ceramic capacitors, AVX TPS series tantalum capaci-
tors or Sanyo POSCAP are recommended. See Table 2 for
contact information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com