Electronic Components Datasheet Search
  English  ▼

X  

VCXO-199 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VCXO-199
Description  VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VCXO-199 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VCXO-199 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCXO-199
VCXO
sFeatures
sSpecifications
sOutline
Item
Type
VCXO-199
Frequency Range
30~160MHz
Storage Temperature Range
-20~+80
:
Operating Temperature Range
-10~+75
:
Frequency Temperature Characteristics
±40×10-6 MAX./-10~+75:
Frequency Aging
±5×10-6 MAX./year
Supply Voltage Change
±4×10-6 MAX./+5.0V±5%
Frequency Deviation
±120×10-6 MIN./+2.5V±2.5V (positive)
Power Supply Voltage
+5.0V
±5%
Power Supply Current
40mA MAX.
Output Level
0 dBm MIN.
Output Load
50
Ω
Output Harmonics/Subharmonics
-30 dB MAX.
Input Impedance
100k
Ω MIN.
¡Wide frequency range.
sTypical Applications
¡PLL oscillator for ISDN.
¡H.D.camera.
sStandard Frequencies
¡51.84MHz, 155.52MHz.
¡74.25MHz, 148.5MHz.
*Plese do not clean using any kind of liquid cleansing method.
32
±0.5
N.P.
25.4
±0.3
7.62
±0.3
1
2
3
4
5
7.62
±0.3
φ0.5±0.1
Pin Connection
1:VC
2:+DC
3:OUTPUT
4:GND
5:GND
Dimensions(mm)
VCXO-199


Similar Part No. - VCXO-199

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
More results

Similar Description - VCXO-199

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
Vectron International, ...
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com