Electronic Components Datasheet Search
  English  ▼

X  

LTC3538 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3538
Description  800mA Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3538 Datasheet(HTML) 4 Page - Linear Technology

  LTC3538 Datasheet HTML 1Page - Linear Technology LTC3538 Datasheet HTML 2Page - Linear Technology LTC3538 Datasheet HTML 3Page - Linear Technology LTC3538 Datasheet HTML 4Page - Linear Technology LTC3538 Datasheet HTML 5Page - Linear Technology LTC3538 Datasheet HTML 6Page - Linear Technology LTC3538 Datasheet HTML 7Page - Linear Technology LTC3538 Datasheet HTML 8Page - Linear Technology LTC3538 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3538
4
3538fb
Error Amplifier Source Current vs
Temperature
Oscillator Frequency vs
Temperature
Feedback Voltage vs Temperature
Feedback Voltage Line
Regulation
Minimum Start-Up Voltage
Switch Pins Before Entering
Buck Mode
VOUT Ripple in Buck, Buck-Boost
and Boost Modes at 500mA Load
Burst Mode Sleep Current vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted
Maximum Output Current
Capability vs VIN
50ns/DIV
SW1
2V/DIV
SW2
2V/DIV
3538 G04
VIN = 3.9V
VOUT = 3.3V AT 500mA
TEMPERATURE (°C)
–50
20
25
30
35
40
45
–25
0
25
50
3538 G16
75
100
TEMPERATURE (°C)
–50
–15.0
–14.5
–14.0
–13.5
–13.0
–12.5
–25
0
25
50
3538 G06
75
100
TEMPERATURE (°C)
–50
975
1000
1025
–25
0
25
50
3538 G07
75
100
VIN = VOUT = 3.6V
TEMPERATURE (°C)
–50
0.990
1.010
1.005
1.000
0.995
–25
0
25
50
3538 G08
75
100
VIN (V)
2.0
2.5
3.0
3.5
4.0
5.0
4.5
0
1800
1600
1400
1200
1000
600
400
200
800
3538 G17
5.5
VOUT = 3.3V
VIN (V)
2.4
–0.2
0.4
0.2
0.1
0
–0.1
0.3
3.4
4.4
3538 G09
5.4
VOUT = 3.3V
TEMPERATURE (°C)
–50
2.3005
2.3010
2.3015
2.3020
2.3025
2.3030
2.3035
2.3040
2.3045
–25
0
25
50
3538 G10
75
100
1μs/DIV
3538 G05
VOUT = 3.3V, AC-COUPLED
20mV/DIV
COUT = 22μF
ILOAD = 500mA
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com