Electronic Components Datasheet Search
  English  ▼

X  

AN4488 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 7Page - STMicroelectronics AN4488 Datasheet HTML 8Page - STMicroelectronics AN4488 Datasheet HTML 9Page - STMicroelectronics AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics AN4488 Datasheet HTML 13Page - STMicroelectronics AN4488 Datasheet HTML 14Page - STMicroelectronics AN4488 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID026304 Rev 3
11/44
AN4488
Power supplies
43
Figure 3. PVD thresholds
2.3.3
System reset
A system reset sets all registers to their reset values except for the reset flags in the clock
controller CSR register and the registers in the Backup domain (see Figure 1).
A system reset is generated when one of the following events occurs:
1.
A low level on the NRST pin (external reset)
2.
window watchdog end-of-count condition (WWDG reset)
3.
Independent watchdog end-of-count condition (IWDG reset)
4.
A software reset (SW reset)
5.
Low-power management reset
The reset source can be identified by checking the reset flags in the Control/Status register,
RCC_CSR.
The products listed in Table 1 do not require an external reset circuit to power-up correctly.
Only a pull-down capacitor is recommended to improve EMS performance by protecting the
device against parasitic resets, as exemplified in Figure 4.
Charging and discharging a pull-down capacitor through an internal resistor increases the
device power consumption. The capacitor recommended value (100 nF) can be reduced to
10 nF to limit this power consumption.
Figure 4. Reset circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com