Electronic Components Datasheet Search
  English  ▼

X  

AN4538 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 4Page - STMicroelectronics AN4538 Datasheet HTML 5Page - STMicroelectronics AN4538 Datasheet HTML 6Page - STMicroelectronics AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
STM32F3xx microcontroller low-power overview
AN4538
8/25
DocID026505 Rev 1
•
Standby mode
–
The lowest power consumption.
–
The 1.8V domain is powered off (regulator is disabled).
–
SRAM and register contents are lost except in the backup domain.
The Cortex®-M4 core is stopped and the clocks are switched off. The voltage regulator is
disabled and the 1.8 V domain is powered off. SRAM and register contents are lost except
for the registers in the Backup domain (RTC registers, RTC backup register and backup
SRAM), and Standby circuitry.
Note:
Standby mode is not available in devices where the internal regulator is OFF.
•
Vbat mode:
–
The main digital supply (VDD) is turned off.
–
The circuit is supplied through VBAT pin which should be connected to an external
supply voltage (a battery or any other source).
This mode is used only when the main digital supply (VDD) is turned off and the VBAT pin is
connected to an external supply voltage. The VBAT pin powers the Backup domain (RTC
registers, RTC backup register and backup SRAM).
Note:
For a further description of these low-power mode features and low-power technology of
STM32F3xxxx devices, you can refer to the RM00313, RM0316, RM0364, RM0365,
RM0366 reference manuals and the relevant datasheets available from the
STMicroelectronics web site.
1.3
Wake up from low-power modes
STM32F3xxxx devices integrate many wakeup sources to offer a flexible power
management in a low-power application development and to simplify the application design.
Many I/O pins allow to use these different wakeup sources.
Table 3 describes the different wakeup sources and pins that can be available in
STM32F3xxxx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com