Electronic Components Datasheet Search
  English  ▼

X  

1032 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # 1032
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1032 Datasheet(HTML) 3 Page - Lattice Semiconductor

  1032 Datasheet HTML 1Page - Lattice Semiconductor 1032 Datasheet HTML 2Page - Lattice Semiconductor 1032 Datasheet HTML 3Page - Lattice Semiconductor 1032 Datasheet HTML 4Page - Lattice Semiconductor 1032 Datasheet HTML 5Page - Lattice Semiconductor 1032 Datasheet HTML 6Page - Lattice Semiconductor 1032 Datasheet HTML 7Page - Lattice Semiconductor 1032 Datasheet HTML 8Page - Lattice Semiconductor 1032 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Specifications ispLSI 1032/883
3
Absolute Maximum Ratings 1
Supply Voltage Vcc ...................................-0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
V
V
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
5.5
0.8
Vcc + 1
Supply Voltage
VCC
VIL
VIH
0005A mil.eps
4.5
0
2.0
Military/883
T
C = -55°C to +125°C
Input Low Voltage
Input High Voltage
V
Capacitance (T
A=25
oC, f=1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM1
UNITS
TEST CONDITIONS
C
1
10
pf
V
CC=5.0V, VIN=2.0V
C
2
I/O and Clock Capacitance
10
pf
V
CC=5.0V, VI/O, VY=2.0V
1. Characterized but not 100% tested.
Table 2- 0006mil
Dedicated Input Capacitance
Data Retention Specifications
Table 2- 0008B
PARAMETER
Data Retention
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
20
10000
—
—
Years
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com