| Electronic Components Datasheet Search |
|
TN1163 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN1163 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() June 2014 DocID025707 Rev 2 1/21 TN1163 Technical note Description of WLCSP for microcontrollers and recommendations for use Introduction This document describes the WLCSP (wafer level chip size package), and provides recommendation on how to use it. Only WLCSP for microcontrollers are described herein. The competitive market of portable equipment, in particular the mobile phone market, is driven by the challenging development of highly integrated devices. To allow manufacturers of portable equipment to minimize the dimension of their devices, STMicroelectronics has developed WLCSP with reduced size, thickness and weight. The electrical performance of such components is improved by using shorter connections than in standard plastic packages such as TSSOP, SSOP or BGA. The WLCSP family has been designed to fulfill the same quality levels and same reliability performance as standard semiconductor plastic packages. As a consequence these new WLCSP can be considered as new surface mount devices which are assembled on a printed circuit board (PCB) without any special or additional process steps. In particular these packages do not require any extra underfill to increase reliability performance or to protect the device. These packages are compatible with existing pick-and-place equipment for board mounting. Only Lead-free RoHS compliant WLCSP are available in mass production. The packages offered in WLCSP are listed in Table 1. This document addresses the following topics: • Package description • Device marking • Packing specifications and labeling • Storage and shipping recommendations • Soldering assembly recommendations • Package changes and package quality www.st.com |
Similar Part No. - TN1163 |
|
Similar Description - TN1163 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |