Electronic Components Datasheet Search
  English  ▼

X  

TN1177 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TN1177
Description  To ease the development of STM32 microcontroller applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1177 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TN1177 Datasheet HTML 4Page - STMicroelectronics TN1177 Datasheet HTML 5Page - STMicroelectronics TN1177 Datasheet HTML 6Page - STMicroelectronics TN1177 Datasheet HTML 7Page - STMicroelectronics TN1177 Datasheet HTML 8Page - STMicroelectronics TN1177 Datasheet HTML 9Page - STMicroelectronics TN1177 Datasheet HTML 10Page - STMicroelectronics TN1177 Datasheet HTML 11Page - STMicroelectronics TN1177 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Peripheral migration
TN1177
8/12
DocID026269 Rev 2
The backward compatibility is fulfilled, there is not need of any software change. To use the
new feature, the dedicated pins must be configured as inputs and the external capacitors
should be connected and the LCD_CAPA[4:0] bits in the SYSCFG_PMC register must be
configured.
For more details about LCD rail decoupling please refer to the STM32L100xx,
STM32L152xx and STM32L162xx advanced ARM®-based 32-bit MCUs reference manual
RM0038 in which STM32L15/6xxC-A and STM32L15/6xxC are ‘Cat.3’ devices, and to the
STM32L15/6xxC datasheets.
3.1.2
Proprietary code protection (PCROP)
The read protection of a given Flash area is implement in STM32L15/6xxC devices. The
Flash area cannot be read by any access (including software), it can be only executed. It
can be used as intellectual property read protection of proprietary third party code which can
be executed on customer side.
The implementation of this proprietary code read out protection (PCROP) is backward
compatible. To use the PCROP feature it is necessary to correctly program the added option
bytes (SPRMOD and WRPx option bytes).
For additional information, please refer to the STM32L100xx, STM32L151xx, STM32L152xx
and STM32L162xx advanced ARM®-based 32-bit MCUs reference manual RM0038 in
which STM32L15/6xxC-A and STM32L15/6xxC are ‘Cat.3’ devices, and to the
STM32L15/6xxC datasheets.
3.2
Device limitations, changes and/or updates
A new revision of errata sheet has been published for the STM32L15/6xxC devices. Several
limitations that had been reported for the STM32L15/6xxC-A have been solved, while new
limitations have been introduced. This section describes the changes in the device
limitations.
Please refer to STM32L15/6xxC-A errata sheet and STM32L15/6xxC errata sheet for details
on the device limitations.
3.2.1
Removed limitations
The following limitations that applied to STM32L15/6xxC-A devices do not apply to
STM32L15/6xxC devices:
•
Missing analog switch on GPIO PC10,
•
Pull-up on PB7 when configured in analog mode,
•
Injection from LCD_SEG2, LCD_SEG5, LCD_SEG21 pins.
3.2.2
Newly introduced limitations
The following limitations which were not present in nor STM32L15/6xxC-A devices have
been introduced for STM32L15/6xxC devices:
•
The operational amplifier factory trimming value cannot be selected (manual
initialization is required).
•
Data EEPROM cycling is limited to 100 kcycles instead of 300 kcycles.
•
ADC accuracy lowered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com