Electronic Components Datasheet Search
  English  ▼

X  

UM1548 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1548
Description  IR remote trasmitter STEVAL-IHM037V1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1548 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1548 Datasheet HTML 6Page - STMicroelectronics UM1548 Datasheet HTML 7Page - STMicroelectronics UM1548 Datasheet HTML 8Page - STMicroelectronics UM1548 Datasheet HTML 9Page - STMicroelectronics UM1548 Datasheet HTML 10Page - STMicroelectronics UM1548 Datasheet HTML 11Page - STMicroelectronics UM1548 Datasheet HTML 12Page - STMicroelectronics UM1548 Datasheet HTML 13Page - STMicroelectronics UM1548 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3.1
Bill of materials
Table 2.
BOM
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering code
Document / project reference: BOM for the AC Fan speed controller/dimmer
ST devices
U1
STM8S003F3 value
line series MCU
TSSOP-20
STMicroelectronics
STM8S003F3P6
Q1
Logic level TRIAC
TO-220AB
STMicroelectronics
T435-600T
Q2
NPN transistor
SOT-23
STMicroelectronics
2STR1160
Other
devices
TSOP
IR receiver 38 kHZ,
DOME AXIAL
TSOP 2.54 mm
Vishay
TSOP34838
Digi-key
751-1386-5-ND
D1
Zener diode 5.6 V/
0.5 W
SOD123
Any
DDZ5V6B-7
Digi-key
DDZ5V6BDICT-ND
D2
LL4148
SOD80
Any
LLN4148
Digi-key
LL4148FSCT-ND
Capacitors
C1
470 µF/16 V
electrolytic
Radial 8 mm
diameter /
3.5 mm pitch
Any
Digi-key
P5141-ND
C2, C6,C7,C8
100 nF ceramic
SMD0805
Any
C4(1)
330 nF or 680 nF/X2
rated film capacitor
22.5 mm pitch
Vishay
BFC238312334 or
BFC233920684
Digi-key
2222 383 12334-ND or
BC2591-ND
C5
100 pF ceramic
SMD0805
Any
C9
470 nF ceramic
SMD0805
Any
Resistors
R1,R5
100
Ω
SMD0805
Any
R2
82, 2 W
Leaded
Yageo
RSF200JB-82R
Digi-key
82W-2-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com