Electronic Components Datasheet Search
  English  ▼

X  

2064VL Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # 2064VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2064VL Datasheet(HTML) 2 Page - Lattice Semiconductor

  2064VL Datasheet HTML 1Page - Lattice Semiconductor 2064VL Datasheet HTML 2Page - Lattice Semiconductor 2064VL Datasheet HTML 3Page - Lattice Semiconductor 2064VL Datasheet HTML 4Page - Lattice Semiconductor 2064VL Datasheet HTML 5Page - Lattice Semiconductor 2064VL Datasheet HTML 6Page - Lattice Semiconductor 2064VL Datasheet HTML 7Page - Lattice Semiconductor 2064VL Datasheet HTML 8Page - Lattice Semiconductor 2064VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Specifications ispLSI 2064VL
Functional Block Diagram
Figure 1. ispLSI 2064VL Functional Block Diagram (64-I/O and 32-I/O Versions)
The 64-I/O 2064VL contains 64 I/O cells, while the 32-
I/O version contains 32 I/O cells. Each I/O cell is directly
connected to an I/O pin and can be individually pro-
grammed to be a combinatorial input, output or
bi-directional I/O pin with 3-state control and the output
drivers can source 4 mA or sink 8 mA. Each output can
be programmed independently for fast or slow output
slew rate to minimize overall output switching noise.
Device pins can be safely driven to 3.3V signal levels to
support mixed-voltage systems.
Eight GLBs, 32 or 16 I/O cells, two dedicated inputs and
two or one ORPs are connected together to make a
Megablock (see Figure 1). The outputs of the eight GLBs
are connected to a set of 32 or 16 universal I/O cells by
two or one ORPs. Each ispLSI 2064VL device contains
two Megablocks.
The GRP has as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 2064VL device are selected using
the dedicated clock pins. Three dedicated clock pins (Y0,
Y1, Y2) or an asynchronous clock can be selected on a
TDO/IN 2
Global Routing Pool
(GRP)
A0
A1
A3
B3
B2
B1
B0
A2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 47
I/O 46
I/O 45
I/O 44
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
TDI/IN 0
TMS/IN 1
I/O 4
I/O 5
BSCAN
RESET
0139B/2064VL
Input Bus
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Megablock
Input Bus
A4
A5
A6
A7
B7
B6
B5
B4
TCK/IN 3
Generic Logic
Blocks (GLBs)
GLB basis. The asynchronous or Product Term clock can
be generated in any GLB for its own clock.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the
outputs of the ispLSI 2064VL are individually program-
mable, either as a standard totem-pole output or an
open-drain output. The totem-pole output drives the
specified Voh and Vol levels, whereas the open-drain
output drives only the specified Vol. The Voh level on the
open-drain output depends on the external loading and
pull-up. This output configuration is controlled by a pro-
grammable fuse. The default configuration is totem-pole
configuration. The open-drain/totem-pole option is se-
lectable through the ispDesignEXPERT software tools.
TMS/IN 2
Global Routing Pool
(GRP)
A0
A1
A3
B3
B2
B1
B0
A2
I/O 0
I/O 1
I/O 2
I/O 3
I/O 6
I/O 7
I/O 23
I/O 22
I/O 21
I/O 20
I/O 19
I/O 18
I/O 17
I/O 16
TDI/IN 0
TDO/IN 1
I/O 4
I/O 5
BSCAN
0139B/2064VL.32IO
Input Bus
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Megablock
Input Bus
A4
A5
A6
A7
B7
B6
B5
B4
GOE0/IN 3
Generic Logic
Blocks (GLBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com