Electronic Components Datasheet Search
  English  ▼

X  

2096VL Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # 2096VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2096VL Datasheet(HTML) 4 Page - Lattice Semiconductor

  2096VL Datasheet HTML 1Page - Lattice Semiconductor 2096VL Datasheet HTML 2Page - Lattice Semiconductor 2096VL Datasheet HTML 3Page - Lattice Semiconductor 2096VL Datasheet HTML 4Page - Lattice Semiconductor 2096VL Datasheet HTML 5Page - Lattice Semiconductor 2096VL Datasheet HTML 6Page - Lattice Semiconductor 2096VL Datasheet HTML 7Page - Lattice Semiconductor 2096VL Datasheet HTML 8Page - Lattice Semiconductor 2096VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Specifications ispLSI 2096VL
4
Input Pulse Levels
Table 2-0003/2096VL
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to VCC
≤ 1.5ns 10% to 90%
VCC/2
VCC/2
See Figure 2
3-state levels are measured 0.15V from
steady-state active level.
TEST CONDITION
R1
R2
CL
A
250
Ω
218
Ω
35pF
B
∞
218
Ω
35pF
250
Ω
∞
35pF
Active High
Active Low
C
250
Ω
∞
5pF
∞
218
Ω
5pF
Active Low to Z
at V +0.15V
OL
Active High to Z
at V
-0.15V
OH
Table 2-0004/2096VL
VCC
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A/2096VL
Figure 2. Test Load
Switching Test Conditions
Output Load Conditions (see Figure 2)
DC Electrical Characteristics
Over Recommended Operating Conditions
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test
problems by tester ground degradation. Characterized but not 100% tested.
2. Measured using six 16-bit counters.
3. Typical values are at VCC = 2.5V and TA = 25°C.
4. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to Power Consumption
section of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to
estimate maximum ICC.
5. With no pull-up resistors.
Table 2-0007/2096VL
1
5
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
BSCAN Input Pull-Up Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
IOL = 100µA
0V
≤ V ≤ V (Max.)
0V
≤ V ≤ V
0V
≤ V ≤ V
V = 2.5V, V
= 0.5V
V = 0.0V, V = 2.5V
f
= 1 MHz
IN
IL
IN
IL
IN
IL
CC
OUT
CLK
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
—
2.0
—
—
—
—
—
—
—
—
—
—
—
—
—
85
0.2
—
10
-10
-150
-150
-100
V
V
µA
µA
µA
µA
mA
mA
—
VIH (min) ≤ VIN ≤ 3.6V
IOL = 8mA
IOH = -1mA
VCC - 0.2
——
V
IOH = -100µA
1.8
——
V
IOH = -4mA
——
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com