Electronic Components Datasheet Search
  English  ▼

X  

UPD72001L Datasheet(PDF) 15 Page - NEC

Part # UPD72001L
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001L Datasheet(HTML) 15 Page - NEC

Back Button UPD72001L Datasheet HTML 11Page - NEC UPD72001L Datasheet HTML 12Page - NEC UPD72001L Datasheet HTML 13Page - NEC UPD72001L Datasheet HTML 14Page - NEC UPD72001L Datasheet HTML 15Page - NEC UPD72001L Datasheet HTML 16Page - NEC UPD72001L Datasheet HTML 17Page - NEC UPD72001L Datasheet HTML 18Page - NEC UPD72001L Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
µPD72001-11, 72001-A8
15
3. ELECTRICAL SPECIFICATIONS
(1)
µPD72001-11
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Condition
Ratings
Unit
Supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–0.5 to VDD + 0.5
V
Output voltage
VO
–0.5 to VDD + 0.5
V
Operating temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality
of the product may be impaired. The absolute maximum ratings are values that may physically
damage the product(s). Be sure to use the product(s) within the ratings.
DC Characteristics
µPD72001-11 (TA = –40 to +85
°C, VDD = 5 V ± 10 %)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIHC
CLK, STRXC, TRXC
3.3
VDD + 0.5
V
VIH
Other pins
2.2
VDD + 0.5
V
Low-level input voltage
VILC
CLK, STRXC, TRXC
–0.5
+0.6
V
VIL
Other pins
–0.5
+0.8
V
High-level output voltage
VOH
IOH = –400
µA
0.7 VDD
V
Low-level output voltage
VOL
IOL = 2.0 mA
0.45
V
High-level input leakage current
ILIH
VI = VDD
10
µA
Low-level input leakage current
ILIL
VI = 0 V
–10
µA
High-level output leakage current
ILOH
VO = VDD
10
µA
Low-level output leakage current
ILOL
VO = 0 V
–10
µA
Supply current
IDD
At 11 MHz
20
40
mA
In standby modeNote
1mA
Note System clock
: 11 MHz
Input pin
: Inactive
• High-level input voltage : (VDD – 0.3 V) to (VDD + 0.5 V)
• Low-level input voltage : 0 V to 0.3 V
Output pin
: Leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com