Electronic Components Datasheet Search
  English  ▼

X  

AN4676 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4676
Description  STM32F7 Series peripheral interconnections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4676 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4676 Datasheet HTML 8Page - STMicroelectronics AN4676 Datasheet HTML 9Page - STMicroelectronics AN4676 Datasheet HTML 10Page - STMicroelectronics AN4676 Datasheet HTML 11Page - STMicroelectronics AN4676 Datasheet HTML 12Page - STMicroelectronics AN4676 Datasheet HTML 13Page - STMicroelectronics AN4676 Datasheet HTML 14Page - STMicroelectronics AN4676 Datasheet HTML 15Page - STMicroelectronics AN4676 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Peripheral interconnect matrix
AN4676
12/18
DocID027699 Rev 2
This interconnection is explained in the following sections of RM0385 reference manual:
•
Channel selection
•
Battery charge monitoring
2.4.2
From EXTI to the analog block
EXTI can be used to generate an ADC trigger event or to start a DAC conversion.
The ADC synchronization is described in the conversion on external trigger and trigger
polarity section of RM0385 reference manual.
The selection of input triggers on DAC is provided in the DAC trigger selection section of
RM0385 reference manual.
2.5
Communication interface block
2.5.1
From SPDIFRX to TIM
SPDIFRX (SPDIFRX_FRAME_SYNC) is connected to TIM11_CH1 to measure the clock
drift of received SPDIFRX frames.
This interconnection is explained in the TIM11 option register (TIM11_OR) section of
RM0385 reference manual.
2.5.2
From USB block to TIM
The USB block includes:
•
USB on-the-go full-speed (OTG_FS)
•
USB on-the-go high-speed (OTG_HS)
USB (OTG_FS SOF) and USB (OTG HS SOF) can generate a trigger to a general-purpose
timer (TIM2), as shown in Figure 6.
Figure 6. SOF connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com