Electronic Components Datasheet Search
  English  ▼

X  

MBR1050 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR1050
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1050 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR1050 Datasheet HTML 1Page - Vishay Siliconix MBR1050 Datasheet HTML 2Page - Vishay Siliconix MBR1050 Datasheet HTML 3Page - Vishay Siliconix MBR1050 Datasheet HTML 4Page - Vishay Siliconix MBR1050 Datasheet HTML 5Page - Vishay Siliconix MBR1050 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR(F,B)1035 thru MBR(F,B)1060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jun-12
3
Document Number: 88669
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
2
4
6
8
10
12
0
MBR1035 - MBR1045
MBR1050 - MBR1060
0
50
100
150
Case Temperature (°C)
Resistive or Inductive Load
0.1
1
10
100
25
50
75
125
150
175
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
T
J = 150 °C
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
MBR1035 - MBR1045
MBR1050 - MBR1060
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 75 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
MBR1035 - MBR1045
MBR1050 - MBR1060
0.1
1
10
100
100
1000
10 000
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
MBR1035 - MBR1045
MBR1050 - MBR1060
Reverse Voltage (V)
0.01
0.1
1
10
100
0.1
10
100
1
t - Pulse Duration (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com