Electronic Components Datasheet Search
  English  ▼

X  

TN1205 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN1205
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1205 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN1205 Datasheet HTML 7Page - STMicroelectronics TN1205 Datasheet HTML 8Page - STMicroelectronics TN1205 Datasheet HTML 9Page - STMicroelectronics TN1205 Datasheet HTML 10Page - STMicroelectronics TN1205 Datasheet HTML 11Page - STMicroelectronics TN1205 Datasheet HTML 12Page - STMicroelectronics TN1205 Datasheet HTML 13Page - STMicroelectronics TN1205 Datasheet HTML 14Page - STMicroelectronics TN1205 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID027387 Rev 3
11/15
TN1205
Carrier tape mechanical dimensions
14
Table 4. Carrier tape variable dimensions
Tape
width
B1
E2
F
P1
T2 max.
W max.
A0, B0, K0
Unit
8 mm
4.35
6.25
3.5±0.05
4.0±0.10
2.5
8.3
See (1)
mm
12 mm
8.2
10.25
5.5±0.05
4.0±0.1 or
8.0±0.1
6.5
12.3
16 mm
12.1
14.25
7.5±0.1
8.0±0.1 or
12.0±0.1
8.0
16.3
1. The cavity defined by A0, B0 and K0 surrounds the component with sufficient clearance so that:
- The component does not protrude above the top surface of the carrier tape.
- The component can be removed vertically from the cavity without mechanical restriction, after the top cover tape has
been removed.
- Rotation of the component is limited to 20° maximum for 12 mm tapes and to 10° maximum for 16 mm tapes.
- Lateral movements of the component are restricted to 0.5 mm maximum for 12 mm tapes and to 1.0 mm maximum for
16 mm tapes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com