Electronic Components Datasheet Search
  English  ▼

X  

UM1759 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1759
Description  Wireless M-Bus firmware and application
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1759 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1759 Datasheet HTML 1Page - STMicroelectronics UM1759 Datasheet HTML 2Page - STMicroelectronics UM1759 Datasheet HTML 3Page - STMicroelectronics UM1759 Datasheet HTML 4Page - STMicroelectronics UM1759 Datasheet HTML 5Page - STMicroelectronics UM1759 Datasheet HTML 6Page - STMicroelectronics UM1759 Datasheet HTML 7Page - STMicroelectronics UM1759 Datasheet HTML 8Page - STMicroelectronics UM1759 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
June 2014
DocID026279 Rev 1
1/50
UM1759
User manual
Wireless M-Bus firmware and application
Introduction
The M-Bus (meter bus) is a common standard used for AMR implementation in remote
energy meter readers based on European standards (physical and link layer: EN 13757-2;
application layer: EN 13757-3). The M-Bus is also compliant with European Standard
EN 1434 on heat meters.
The M-Bus interface is very cost effective, because it is designed for communication over
twisted pair cables. For long distance communication, it supports all network configurations
(linear, star, etc.), except for ring networks. When queried, the meters send data to a
concentrator which can be accessed either locally or remotely.
A radio variant of M-Bus, Wireless M-Bus, is also specified in EN 13757-4.
The Wireless Meter Bus is an open standard for Automatic Meter Reading at sub-1 GHz RF.
The relevant standards are:
• European standard prEN 13757-4:2011 Wireless meter readout
• European standard EN 13757-3:2004 Dedicated application layer (in common with M-
Bus)
• ETSI EN 300 220 v2.3.1
The Wireless M-Bus firmware stack is based on EN 13757-4:2011.10 (Communication
systems for meters and remote reading of meters - Part 4: Wireless meter readout (Radio
meter reading for operation in SRD bands)). This European Standard specifies the required
physical and link layer parameters for systems using radio to read remote meters, especially
for short range device (SRD) unlicensed telemetry bands. The standard encompasses
systems for walk-by, drive-by and fixed installations.
Figure 1. Basic Wireless M-Bus architecture
www.st.com


Similar Part No. - UM1759

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1750S-00 UNIONSEMI-UM1750S-00 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-10 UNIONSEMI-UM1750S-10 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-11 UNIONSEMI-UM1750S-11 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-12 UNIONSEMI-UM1750S-12 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
UM1750S-13 UNIONSEMI-UM1750S-13 Datasheet
670Kb / 18P
350mA, Micropower, Very Low Dropout Linear Regulator
More results

Similar Description - UM1759

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N4099 DBLECTRO-N4099_05 Datasheet
518Kb / 2P
Suitable for electrical application, telecommunication, automatic control, wireless radio remote control and sound control toy application.
logo
Renesas Technology Corp
R20UT0676EJ1200 RENESAS-R20UT0676EJ1200 Datasheet
131Kb / 11P
MINICUBE2 Firmware
logo
Source Photonics, Inc.
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
WIRELESS M-BUS SOFTWARE IMPLEMENTATION
AN452 SILABS-AN452 Datasheet
113Kb / 26P
WIRELESS M-BUS STACK PROGRAMMERS GUIDE
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
logo
u-blox AG
C099-F9P U-BLOX-C099-F9P Datasheet
6Mb / 40P
Application board (rev. E), ODIN-W2 Mbed??firmware
logo
Sciosense B.V.
AS6031F1 SCIOSENSE-AS6031F1 Datasheet
2Mb / 103P
Flow Firmware – Description and Application Guide
Rev. 2 2022-12-0202
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com