Electronic Components Datasheet Search
  English  ▼

X  

GAL6002 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # GAL6002
Description  High Performance E2CMOS FPLA Generic Array Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL6002 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button GAL6002 Datasheet HTML 8Page - Lattice Semiconductor GAL6002 Datasheet HTML 9Page - Lattice Semiconductor GAL6002 Datasheet HTML 10Page - Lattice Semiconductor GAL6002 Datasheet HTML 11Page - Lattice Semiconductor GAL6002 Datasheet HTML 12Page - Lattice Semiconductor GAL6002 Datasheet HTML 13Page - Lattice Semiconductor GAL6002 Datasheet HTML 14Page - Lattice Semiconductor GAL6002 Datasheet HTML 15Page - Lattice Semiconductor GAL6002 Datasheet HTML 16Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Specifications GAL6002
13
Array Description
The GAL6002 contains two E2 reprogrammable arrays. The first is
an AND array and the second is an OR array. These arrays are de-
scribed in detail below.
AND ARRAY
The AND array is organized as 78 inputs by 75 product term outputs.
The 10 ILMCs, 10 IOLMCs, 8 BLMC feedbacks, 10 OLMC feed-
backs, and ICLK comprise the 39 inputs to this array (each available
in true and complement forms). 64 product terms serve as inputs
to the OR array. The RESET product term generates the RESET
signal described in the Output and Buried Logic Macrocells sec-
tion. There are 10 output enable product terms which allow device
I/O pins to be bi-directional or tri-state.
OR ARRAY
The OR array is organized as 64 inputs by 36 sum term outputs.
64 product terms from the AND array serve as the inputs to the OR
array. Of the 36 sum term outputs, 18 are data (“D”) terms and 18
are enable/clock (“E”) terms. These terms feed into the 10 OLMCs
and 8 BLMCs, one “D” term and one “E” term to each.
The programmable OR array offers unparalleled versatility in prod-
uct term usage. This programmability allows from 1 to 64 product
terms to be connected to a single sum term. A programmable OR
array is more flexible than a fixed, shared, or variable product term
architecture.
Electronic Signature
An electronic signature is provided with every GAL6002 device. It
contains 72 bits of reprogrammable memory that can contain user
defined data. Some uses include user ID codes, revision numbers,
or inventory control. The signature data is always available to the
user independent of the state of the security cell.
NOTE: The electronic signature is included in checksum calcula-
tions. Changing the electronic signature will alter the checksum.
Security Cell
A security cell is provided with every GAL6002 device as a deterrent
to unauthorized copying of the array patterns. Once programmed,
this cell prevents further read access to the AND array. This cell
can be erased only during a bulk erase cycle, so the original con-
figuration can never be examined once this cell is programmed.
The Electronic Signature is always available to the user, regard-
less of the state of this control cell.
Device Programming
GAL devices are programmed using a Lattice Semiconductor-
approved Logic Programmer, available from a number of manufac-
turers. Complete programming of the device takes only a few
seconds. Erasing of the device is transparent to the user, and is
done automatically as part of the programming cycle.
Typical Input Pull-up Characteristic
1. 0
2 . 0
3. 0
4 . 0
5. 0
-6 0
0
-2 0
-4 0
0
Input V o lt ag e ( V olt s)
Register Preload
When testing state machine designs, all possible states and state
transitions must be verified, not just those required during normal
operations. This is because certain events may occur during sys-
tem operation that cause the logic to be in an illegal state (power-
up, line voltage glitches, brown-out, etc.). To test a design for proper
treatment of these conditions, a method must be provided to break
the feedback paths and force any desired state (i.e., illegal) into the
registers. Then the machine can be sequenced and the outputs
tested for correct next state generation.
All of the registers in the GAL6002 can be preloaded, including the
ILMC, IOLMC, OLMC, and BLMC registers. In addition, the con-
tents of the state and output registers can be examined in a special
diagnostics mode. Programming hardware takes care of all preload
timing and voltage requirements.
Latch-Up Protection
GAL6002 devices are designed with an on-board charge pump to
negatively bias the substrate. The negative bias is of sufficient
magnitude to prevent input undershoots from causing the circuitry
to latch. Additionally, outputs are designed with n-channel pull-ups
instead of the traditional p-channel pull-ups to eliminate any pos-
sibility of SCR induced latching.
Input Buffers
GAL6002 devices are designed with TTL level compatible input
buffers. These buffers have a characteristically high impedance,
and present a much lighter load to the driving logic than bipolar TTL
devices.
GAL6002 input buffers have active pull-ups within their input struc-
ture. This pull-up will cause any un-terminated input or I/O to float
to a TTL high (logical 1). Lattice Semiconductor recommends that
all unused inputs and tri-stated I/O pins be connected to another
active input, Vcc, or GND. Doing this will tend to improve noise
immunity and reduce Icc for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com