Electronic Components Datasheet Search
  English  ▼

X  

2DB1182Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DB1182Q
Description  32V PNP MEDIUM POWER TRANSISTOR IN TO252
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1182Q Datasheet(HTML) 4 Page - Diodes Incorporated

  2DB1182Q_15 Datasheet HTML 1Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 2Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 3Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 4Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 5Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2DB1182Q
Document number: DS35651 Rev. 3 - 2
4 of 6
www.diodes.com
November 2014
© Diodes Incorporated
2DB1182Q
0
0.1
0.2
0.3
0.4
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Figure 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
I /I = 10
CB
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
Figure 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
C
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -3V
CE
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
Figure 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
-I , COLLECTOR CURRENT (A)
C
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
I /I = 10
CB
10
100
1,000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 7 Typical Capacitance Characteristics
Cibo
C
obo
f = 1MHz
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90 100
I , COLLECTOR CURRENT (mA)
C
Figure 8 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
CE
f = 30MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com