Electronic Components Datasheet Search
  English  ▼

X  

PM0004 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0004
Description  NPN TRANSISTOR POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0004 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0004_15 Datasheet HTML 1Page - Solid States Devices, Inc PM0004_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SPMT6678-01
CASE OUTLINE: ASPM
PRELIMINARY
mAmps
-
ICEV
Collector Cutoff Current
(VCE = 525V, VBE = -2V)
-
IEBO
Emitter Cutoff Current
(VEB = 8V)
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
DC Current Gain
(IC = 40A, VBE = -2V)
Collector - Emitter Saturation Voltage
(IC = 40A, IB = 3.33A)
VCE(SAT)
HFE
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
TB = 25
EC
TB = 125
EC
2.0
10.0
5.0
mAmps
TB = 25
EC
TB = 85
EC
TB = -55
EC
20.0
18.0
18.0
55
-
-
-
-
1.0
Volts
Base - Emitter Saturation Voltage
(IC = 40A, IB = 6.0A)
VBE(SAT)
-
1.5
Volts
Switch Time
(VCC = 300V, IC = 40A,
IB1 = IB2 = 6A, TB = 85
EC)
Turn On Time
Storage Time
Fall Time
tON
tS
tF
-
-
-
1.2
4.0
1.0
:sec
Insulation Resistance (All terminals to Base @1000V)
RINSUL1
1-
G
S
Tolerances
(Unless specified):
.XX
.XXX
".03
".010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com