Electronic Components Datasheet Search
  English  ▼

X  

PM0010 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0010
Description  IGBT POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0010 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0010_15 Datasheet HTML 1Page - Solid States Devices, Inc PM0010_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25oC (Unless Otherwise Specified)
Collector - Emitter Breakdown Voltage
(ICES = 250:A, VGE = 0V)
RATING
SYMBOL
MIN
MAX
UNIT
PACKAGE OUTLINE: ASPM
Gate - Emitter Threshold Voltage
(IC = 5mA, VCE = VGE)
VCE(sat)2
VCE(sat)1
(TB = 25oC)
(TB = 90oC)
3.1
2.5
SPMQ496-01
-
-
Gate-Emitter Leakage Current
(VGE = "20V, VCE = 0V)
ICES1
ICES1
-
2.0
IGES
-
-
225
20
BVCES
-
Volts
600
Tolerances
(Unless specified):
.XX
.XXX
".03
".010
Collector-Emitter Saturation Voltage
(IC = 200A, VGE = 15V)
VGE(th)
(TB = 25oC)
(TB = 125oC)
Collector Leakage Current
(VCE = 480V, VGE = 0V)
Anti-Parallel Diode Forward Voltage
(IF = 200A, TB = 25oC)
Insulation Resistance (All terminals to Base @1500V)
RINSUL1
1-
GS
2.0
6
Volts
:Amps
mAmps
Volts
:Amps
-
1.6
VF
Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com