Electronic Components Datasheet Search
  English  ▼

X  

RA0042C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0042C
Description  BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0042C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0042C Datasheet HTML 1Page - Solid States Devices, Inc RA0042C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
 PIV 400 - 800 Volts
 Average Output Current 25 Amps
 Low Reverse Leakage Current
 Constructed with Void-Free, Hermetically Sealed
Discretes
 Aluminum Case for Maximum Thermal Conductivity
 Electrically Insulated Aluminum Case
 Available in Standard and Fast Recovery Versions.
Consult Factory.
TX, TXV, and Space Level Screening Available.
Consult Factory.
SDA167UF
Series
25 AMPS
400 ─ 800 VOLTS
THREE PHASE
BRIDGE RECTIFIER ASSEMBLY
SDA167 ( )
SDA167 (T)
MAXIMUM RATINGS
Symbol
Value
Unit
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDA167DUF
SDA167EUF
SDA167FUF
VRRM
VRWM
VR
400
600
800
Volts
Average Rectified Forward Current 1/, 2/
(Resistive Load, 60 Hz, Sine Wave, TC = 25
oC)
IO
25
Amps
Peak Surge Current 1/
(TC =55
oC, Superimposed on Rated Current at Rated Voltage, 8.3 ms
Pulse)
IFSM
150
Amps
Operating and Storage Temperature
(Maximum Junction Temperature)
TOP & Tstg
TJ
-65 to +150
175
oC
Maximum Thermal Resistance 1/
(Junction to Case)
RJC
1.5
oC/W
Available Part Numbers: 4/
SDA167DUF, SDA167DUFT
SDA167EUF, SDA167EUFT
SDA167FUF, SDA167FUFT
SDA167RDUF, SDA167RDUFT
SDA167REUF, SDA167REUFT
SDR167RFUF, SDA167RFUFT
M
a
x
Part Number / Ordering Information
SDA167 __ E UF- __ __
│
│
│
│
│ └ Terminal: 3/ __= Blade
T = Turret
│
│
│
│
│
│
└ Finish: 2/ __ = Anodized Case
N = Ni Plated Case
│
│
│
└ Voltage: D = 400 V
E = 600 V
F = 800 V
└ Polarity: __ = Normal
R = Reverse
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0042C
DOC


Similar Part No. - RA0042C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0042C SSDI-RA0042C Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - RA0042C

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-4488 SENSITRON-SCP-4488 Datasheet
61Kb / 3P
BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA130A SSDI-SDA130A Datasheet
238Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
SDA117 SSDI-SDA117 Datasheet
212Kb / 2P
2AMP BRIDGE RECTIFIER ASSEMBLY
SDA168 SSDI-SDA168 Datasheet
200Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
SDA234 SSDI-SDA234 Datasheet
232Kb / 2P
40 AMP BRIDGE RECTIFIER ASSEMBLY
SDA803 SSDI-SDA803 Datasheet
95Kb / 1P
20AMP BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0005C SSDI-RA0005C Datasheet
116Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0042C SSDI-RA0042C Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0005C SSDI-RA0005C_15 Datasheet
116Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com