Electronic Components Datasheet Search
  English  ▼

X  

LT1001 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1001
Description  Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1001 Datasheet HTML 3Page - Linear Technology LT1001 Datasheet HTML 4Page - Linear Technology LT1001 Datasheet HTML 5Page - Linear Technology LT1001 Datasheet HTML 6Page - Linear Technology LT1001 Datasheet HTML 7Page - Linear Technology LT1001 Datasheet HTML 8Page - Linear Technology LT1001 Datasheet HTML 9Page - Linear Technology LT1001 Datasheet HTML 10Page - Linear Technology LT1001 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1001
0.1Hz to 10Hz Noise Test Circuit
Offset Voltage Adjustment
The input offset voltage of the LT1001, and its drift with tempera-
ture, are permanently trimmed at wafer test to a low level.
However, if further adjustment of Vos is necessary, nulling with
a 10k or 20k potentiometer will not degrade drift with tempera-
ture. Trimming to a value other than zero creates a drift of (Vos/
300)
µV/°C, e.g., if Vos is adjusted to 300 µV, the change in drift
will be 1
µV/°C. The adjustment range with a 10k or 20k pot is
approximately
±2.5mV. If less adjustment range is needed, the
sensitivity and resolution of the nulling can be improved by using
a smaller pot in conjunction with fixed resistors. The example
below has an approximate null range of
±100 µV.
LT1001
–
+
LT1001
100k
Ω
2k
Ω
100k
4.3k
110k
SCOPE
× 1
RIN = 1MΩ
0.1
µF
4.7
µF
24.3k
10
Ω
1001 F03
0.1
µF
22
µF
VOLTAGE GAIN = 50,000
2.2
µF
DEVICE
UNDER
TEST
Improved Sensitivity Adjustment
–15V
LT1001
+15V
2
3
7
6
OUTPUT
INPUT
1001 F02
4
8
7.5k
1k
7.5k
1
(Peak-to-Peak noise measured in 10 sec interval)
The device under test should be warmed up for three minutes and
shielded from air currents.
1001 F04
–
+
+
+–
+
2.2
µF
TANTALUM
INPUT
1k
30k
3.9k
30k
390
Ω
1.2k
.5
Ω
.5
Ω
470
300
1.8k
3.9k
300
*ADJUST FOR
BEST SQUARE WAVE
AT OUTPUT
FULL POWER
BANDWIDTH 8MHz
200
Ω*
200
Ω*
22
33
2N3866
2N5160
2N5160
2N3904
2N4440
2N3866
+15V
2N4440
OUTPUT
2N3904
2N3906
1N914
1N914
6
3
15pF
10k
RIN
1k
2
–15V
LT1001
0.01
µF
22
µF TANTALUM
22
µF TANTALUM
0.1
µF
.1
µF
–15V
200pf
.001
µF
0.01
µF
200pF
2N5486
15-60pF
TUSONIX # 519-3188
1k
Rf
DC Stabilized
1000v/
µsec Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com