Electronic Components Datasheet Search
  English  ▼

X  

LT1004 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 8 Page - Linear Technology

  LT1004 Datasheet HTML 1Page - Linear Technology LT1004 Datasheet HTML 2Page - Linear Technology LT1004 Datasheet HTML 3Page - Linear Technology LT1004 Datasheet HTML 4Page - Linear Technology LT1004 Datasheet HTML 5Page - Linear Technology LT1004 Datasheet HTML 6Page - Linear Technology LT1004 Datasheet HTML 7Page - Linear Technology LT1004 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1004
1004fa LT/TP 1198 REV A 2K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1985
TYPICAL APPLICATIONS
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1634
Micropower Precision Shunt Reference
10
µA Operating Current, 10ppm/°C Maximum Drift, 0.05% Initial Accuracy
LT1460S3-2.5
Micropower Series Reference in SOT-23
100
µA Operating Current, 20ppm/°C Maximum Drift, 0.2% Initial Accuracy
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
0
°C to 100°C Linear Output Thermometer
–
+
1/2
LT1002
–
+
1/2
LT1002
4
3
13
RT NETWORK
YSI 44201
10k
0.1%
10k
0.1%
2.7k
5%
LT1004-1.2
15V
10
11
6
1004 TA05
VOUT
0V TO10V
0
°C TO 100°C
2765
Ω
0.1%
168.3
Ω
0.1%
NETWORK DETAIL
YSI 44201
BRN
RED
GRN
3.2k
6250
Ω
10k
0.1%
Low Temperature Coefficient
2-Terminal Current Source
1004 TA06
LT1004-1.2
R
≤ 5k
LM334
R
6.8k
IOUT ≈
1.3V
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com