Electronic Components Datasheet Search
  English  ▼

X  

LT1512 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1512
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512 Datasheet(HTML) 2 Page - Linear Technology

  LT1512_15 Datasheet HTML 1Page - Linear Technology LT1512_15 Datasheet HTML 2Page - Linear Technology LT1512_15 Datasheet HTML 3Page - Linear Technology LT1512_15 Datasheet HTML 4Page - Linear Technology LT1512_15 Datasheet HTML 5Page - Linear Technology LT1512_15 Datasheet HTML 6Page - Linear Technology LT1512_15 Datasheet HTML 7Page - Linear Technology LT1512_15 Datasheet HTML 8Page - Linear Technology LT1512_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1512
2
1512fc
For more information www.linear.com/LT1512
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Voltage ........................................................... 30V
Switch Voltage ......................................................... 40V
S/S Pin Voltage ........................................................ 30V
FB Pin Voltage (Transient, 10ms) ...........................
±10V
VFB Pin Current ..................................................... 10mA
IFB Pin Voltage (Transient, 10ms) .......................... ±10V
Storage Temperature Range.................. –65°C to 150°C
Ambient Temperature Range
LT1512C (Note 2)..................................... 0°C to 70°C
LT1512I................................................ –40°C to 85°C
Operating Junction Temperature Range
LT1512C (Note 2).............................. –20°C to 125°C
LT1512I.............................................. –40°C to 125°C
Short Circuit.......................................... 0°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
1
2
3
4
8
7
6
5
TOP VIEW
VC
FB
IFB
S/S
VSW
GND
GND S
VIN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAx = 125°C, qJA = 100°C/w (N)
TJMAx = 125°C, qJA = 130°C/w (S)
NOTE: CONTACT FACTORy CONCERNING 16-LEAD
FUSED-LEAD GN PACKAGE wITH LOwER THERMAL RESISTANCE
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
VFB Reference Voltage
Measured at FB Pin
VC = 0.8V
l
1.233
1.228
1.245
1.245
1.257
1.262
V
V
FB Input Current
VFB = VREF
l
300
550
600
nA
nA
FB Reference Voltage Line Regulation
2.7V ≤ VIN ≤ 25V, VC = 0.8V
l
0.01
0.03
%/V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VC = 0.6V, VFB = VREF, IFB = 0V, VSW and S/S pins open,
unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1512CN8#PBF
LT1512CN8#TRPBF
1512
8-Lead PDIP
0°C to 70°C
LT1512CS8#PBF
LT1512CS8#TRPBF
1512
8-Lead Plastic SO
0°C to 70°C
LT1512IN8#PBF
LT1512IN8#TRPBF
1512I
8-Lead PDIP
–40°C to 85°C
LT1512IS8#PBF
LT1512IS8#TRPBF
1512I
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1512CN8
LT1512CN8#TR
1512
8-Lead PDIP
0°C to 70°C
LT1512CS8
LT1512CS8#TR
1512
8-Lead Plastic SO
0°C to 70°C
LT1512IN8
LT1512IN8#TR
1512I
8-Lead PDIP
–40°C to 85°C
LT1512IS8
LT1512IS8#TR
1512I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com