Electronic Components Datasheet Search
  English  ▼

X  

LT1618 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1618
Description  Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1618 Datasheet HTML 6Page - Linear Technology LT1618 Datasheet HTML 7Page - Linear Technology LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology LT1618 Datasheet HTML 11Page - Linear Technology LT1618 Datasheet HTML 12Page - Linear Technology LT1618 Datasheet HTML 13Page - Linear Technology LT1618 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1618
10
sn1618 1618fas
2-Cell White LED Driver
2-Cell Luxeon LED Driver
TYPICAL APPLICATIONS
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
2M
R2
160k
VIN
1.6V TO 3V
10kHz TO 50kHz
PWM
BRIGHTNESS
ADJUST
C1
4.7µF
CC
0.1µF
C2
1µF
1618 • TA03
2.49Ω
D1
L1
4.7µH
20mA
3
2
1
9
87
510
4
R3
5.1k
C3
0.1µF
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN EMK316BJ105
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0520
(800) 282-9855
L1: SUMIDA CLQ4D10-4R7
(847) 956-0666
SHDN
IADJ
GND
VC
VIN
SW
ISN
ISP
FB
LT1618
332k
D2
124k
VIN
1.8V TO 3V
C1
1µF
100nF
C2
1µF
1618 • TA12
0.15Ω
D1
L1
10µH
350mA
3
2
1
9
87
510
4
C1, C2: TAIYO YUDEN JMK107BJ105KA
D1: ON SEMICONDUCTOR MBR0520
D2: LUMILEDS LXHL-BW02
L1: SUMIDA CR43-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com