Electronic Components Datasheet Search
  English  ▼

X  

LT1800 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1800
Description  80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1800 Datasheet(HTML) 2 Page - Linear Technology

  LT1800_15 Datasheet HTML 1Page - Linear Technology LT1800_15 Datasheet HTML 2Page - Linear Technology LT1800_15 Datasheet HTML 3Page - Linear Technology LT1800_15 Datasheet HTML 4Page - Linear Technology LT1800_15 Datasheet HTML 5Page - Linear Technology LT1800_15 Datasheet HTML 6Page - Linear Technology LT1800_15 Datasheet HTML 7Page - Linear Technology LT1800_15 Datasheet HTML 8Page - Linear Technology LT1800_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1800
2
1800fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VS– to VS+) ..........................12.6V
Input Current (Note 2)..........................................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4).... –40°C to 85°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
NC
VS
+
VOUT
NC
NC
–IN
+IN
VS
–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
VOUT 1
VS
– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 VS
+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1800CS8#PBF
LT1800CS8#TRPBF
1800
8-Lead Plastic SO
0°C to 70°C
LT1800IS8#PBF
LT1800IS8#TRPBF
1800I
8-Lead Plastic SO
–40°C to 85°C
LT1800CS5#PBF
LT1800CS5#TRPBF
LTRN
5-Lead Plastic TSOT-23
0°C to 70°C
LT1800IS5#PBF
LT1800IS5#TRPBF
LTRP
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 5) .... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
VCM = 0V (SOT-23)
VCM = VS
VCM = VS (SOT-23)
75
300
0.5
0.7
350
750
3
3.5
μV
μV
mV
mV
ΔVOS
Input Offset Shift
VCM = 0V to VS – 1.5V
20
180
μV
IB
Input Bias Current
VCM = 1V
VCM = VS
25
500
250
1500
nA
nA
IOS
Input Offset Current
VCM = 1V
VCM = VS
25
25
200
200
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1.4
μVP-P
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com