Electronic Components Datasheet Search
  English  ▼

X  

1SS133M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS133M
Description  300mW, Hermetically Sealed Glass Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS133M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SS133M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS133M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS133M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS133M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_S1403003
Version: C15
1SS133M
Taiwan Semiconductor
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
Reverse Voltage : VR (V)
f = 1 MHz
Fig. 3 Capacitance Between Terminals Characteristics
0
1
2
3
4
5
04
8
12
16
20
Forward Current : IF (mA)
Fig. 4 Reverse Recovery Time Characteristics
1
10
100
0.1
1
10
100
1000
10000
Pulse Width : Tw (ms)
Fig. 5 Surge Current Characteristics
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage : VF (V)
Fig. 1 Forward Characteristics
TA=125oC
TA=75oC
TA=25oC
TA=-25oC
1
10
100
1000
10000
0
20406080
100
120
Reverse Voltage : VR (V)
Fig. 2 Reverse Characteristics
TA=25oC
TA=100oC
TA=75oC
TA=50oC
VR = 6 V
Irr = 1/10 IR
Fig. 6 Reverse Recovery Time ( trr )
Measurement Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com