Electronic Components Datasheet Search
  English  ▼

X  

1T2G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1T2G
Description  Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1T2G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1T2G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1T2G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1T2G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1T2G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- High current capability
- High reliability
- High surge current capability
- 3mm miniature body
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1407004
Version: E14
1T1G thru 1T7G
Taiwan Semiconductor
Glass Passivated Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TS-1
TS-1
Weight:
0.2g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL 1T1G 1T2G 1T3G 1T4G 1T5G 1T6G 1T7G UNIT
Maximum repetitive peak reverse voltage
100
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
Operating junction temperature range
- 55 to +150
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
5
μA
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1.0 MHz and Applied VR=4.0 Volts
1.1
1.0
Typical junction capacitance (Note 2)
10
Typical thermal resistance
100


Similar Part No. - 1T2G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1T2G TSC-1T2G Datasheet
54Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1T2G TSC-1T2G Datasheet
224Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1T2G TSC-1T2G Datasheet
477Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
1T2G TMT-1T2G Datasheet
173Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1T2G-K TSC-1T2G-K Datasheet
408Kb / 6P
1A, 50V - 1000V Glass Passivated Rectifier
More results

Similar Description - 1T2G

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
Glass Passivated Rectifiers
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
EM512G DACO-EM512G Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIERS
GR301G DACO-GR301G Datasheet
853Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
6A05GS HY-6A05GS Datasheet
758Kb / 3P
Glass Passivated Rectifiers
15AAG HY-15AAG Datasheet
760Kb / 3P
Glass Passivated Rectifiers
1A1G HY-1A1G_V01 Datasheet
775Kb / 3P
Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com