Electronic Components Datasheet Search
  English  ▼

X  

31DF4 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 31DF4
Description  3.0AMPS. Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

31DF4 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  31DF4_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 31DF4_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 31DF4_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 31DF4_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
31DF4
DO-201AD
500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Units
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
RθJA
OC/W
TJ
OC
TSTG
OC
Version:E13
INNER
TAPE
Storage Temperature Range
- 40 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
52mm
Maximum Reverse Recovery Time (Note 2)
35
Typical Thermal Resistance
80
Operating Temperature Range
- 40 to + 150
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.7
A
V
Maximum DC Reverse Current at Rated
@ TA=25 ℃
DC Blocking Voltage
@ TA=125 ℃
IR
20
uA
100
Maximum DC Blocking Voltage
400
600
Maximum Average Forward Rectified Current
3
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
45
Maximum Recurrent Peak Reverse Voltage
400
600
Maximum RMS Voltage
280
420
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260℃/10 seconds
Weight: 1.2 grams
Parameter
31DF4
31DF6
Ordering Information (example)
Part No.
Package
Packing
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Packing code
(Green)
A0G
Packing code
A0
31DF4 - 31DF6
3.0AMPS. Super Fast Rectifiers
DO-201AD


Similar Part No. - 31DF4_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_1 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
31DF4 TSC-31DF4_10 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
31DF4 TSC-31DF4_13 Datasheet
424Kb / 4P
3.0AMPS. Super Fast Rectifiers High efficiency, low VF
logo
National Instruments Co...
31DF4 NI-31DF4_15 Datasheet
479Kb / 1P
FRED
More results

Similar Description - 31DF4_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG38G TSC-UG38G Datasheet
127Kb / 2P
3.0AMPS. Glass Passivated Super Fast Rectifiers
ESH3B TSC-ESH3B Datasheet
152Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
ES3A TSC-ES3A_11 Datasheet
229Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3A LUGUANG-ES3A Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_13 Datasheet
424Kb / 4P
3.0AMPS. Super Fast Rectifiers High efficiency, low VF
ES3A TSC-ES3A_13 Datasheet
289Kb / 4P
3.0AMPS Surface Mount Super Fast Rectifiers
SF31 TSC-SF31_13 Datasheet
426Kb / 4P
3.0AMPS. Super Fast Rectifiers High surge current capability
FR301 TSC-FR301_13 Datasheet
416Kb / 4P
3.0AMPS. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
3.0AMPS . FAST RECOVERY RECTIFIERS
SF31 CHONGQING-SF31_16 Datasheet
178Kb / 1P
3.0AMPS. SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com