Electronic Components Datasheet Search
  English  ▼

X  

ARS50A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ARS50A
Description  High Current Button Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS50A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ARS50A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS50A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ARS50A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ARS50A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
5.50
5.70
0.217
0.224
B
8.30
8.90
0.327
0.350
C
6.00
6.40
0.236
0.252
D
4.20
4.70
0.165
0.185
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1409007
Version: D14
MARKING DIAGRAM
ARS50A thru ARS50M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
ARS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50m Vp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com