Electronic Components Datasheet Search
  English  ▼

X  

B0530WS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # B0530WS
Description  200mW, Low VF SMD Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530WS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  B0530WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd B0530WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Notice
Document Number: DS_S1405006
B0530WS
Taiwan Semiconductor
Small Signal Product
Version: G14
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no
responsibility or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property
rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or seling these
products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such
improper use or sale.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com